Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25AFG Datasheet(PDF) 141 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 141 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 137Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 138Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 139Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 140Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 141Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 142Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 143Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 144Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 145Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 194 page
background image
Page 131
TMP86CS25AFG
Figure 11-9 Generation of Transmit Data Buffer Empty
11.9.6 Transmit End Flag
When data are transmitted and no data is in TDBUF (UARTSR<TBEP> = “1”), transmit end flag
UARTSR<TEND> is set to “1”. The UARTSR<TEND> is cleared to “0” when the data transmit is stated after
writing the TDBUF.
Figure 11-10 Generation of Transmit End Flag and Transmit Data Buffer Empty
Shift register
Data write
Data write
zzzz
xxxx
yyyy
Start
Bit 0
Final bit
Stop
1xxxx0
*****1
*1xxxx
****1x
*****1
1yyyy0
TDBUF
TXD pin
UARTSR<TBEP>
INTTXD interrupt
After reading UARTSR writing TDBUF
clears TBEP.
Shift register
*1yyyy
***1xx
****1x
*****1
Stop
Start
1yyyy0
Bit 0
TXD pin
UARTSR<TBEP>
UARTSR<TEND>
INTTXD interrupt
Data write for TDBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com