Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS49AIUG Datasheet(PDF) 196 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 196 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 192Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 193Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 194Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 195Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 200Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 296 page
background image
Page 180
15. Synchronous Serial Interface (SIO2)
15.3 Function
TMP86FS49AIUG
15.3 Function
15.3.1 Serial clock
15.3.1.1 Clock source
The serial clock can be selected by using SIO2CR<SCK>. When the serial clock is changed, the writing
instruction to SIO2CR<SCK> should be executed while the transfer is stopped (when SIO2SR<SIOF>
“0”)
(1)
Internal clock
Setting the SIO2CR<SCK> to other than “111B” outputs the clock (shown in " Table 15-1 Serial
Clock Rate (fc = 16 MHz, fs = 32.768kHz) ") as serial clock outputs from SCK2 pin. At the before
beginning or finishing of a transfer, SCK2 pin is kept in high level.
When writing (in the transmit mode) or reading (in the receive mode) data can not follow the serial
clock rate, an automatic-wait function is executed to stop the serial clock automatically and hold the
next shift operation until reading or writing is completed (shown in " Figure 15-2 Automatic-wait
Function (Example of transmit mode) "). The maximum time from releasing the automatic-wait
function by reading or writing a data is 1 cycle of the selected serial clock until the serial clock comes
out from SCK2 pin.
Figure 15-2 Automatic-wait Function (Example of transmit mode)
Table 15-1 Serial Clock Rate (fc = 16 MHz, fs = 32.768kHz)
NORMAL1/2, IDLE1/2 Mode
SLOW1/2, SLEEP1/2 Mode
TBTCR<DV7CK> = "0"
TBTCR<DV7CK> = "1"
Serial Clock
Baud Rate
SCK
Serial Clock
Baud Rate
Serial Clock
Baud Rate
000
fc/212
3.906 kbps
fs/24
2048 bps
fs/24
2048 bps
001
fc/28
62.5 kbps
fc/28
62.5 kbps
Reserved
010
fc/27
125 kbps
fc/27
125 kbps
Reserved
011
fc/26
250 kbps
fc/26
250 kbps
Reserved
100
fc/25
500 kbps
fc/25
500 kbps
Reserved
101
fc/24
1.00 Mbps
fc/24
1.00 Mbps
Reserved
110
fc/23
2.00 Mbps
fc/23
2.00 Mbps
Reserved
AB
A0
Automatically wait
A1
B7 B6 B5 B4 B3
A2
A3
A4
A5
A6
A7
B2 B1 B0
SIO2CR<SIOS>
SO2 pin
SIO2TDB
Automatic wait is released by writing SIO2TDB
SCK2
pin output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com