| Electronic Components Datasheet Search |
|
TMP86FS49AIUG Datasheet(PDF) 271 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49AIUG Datasheet(HTML) 271 Page - Toshiba Semiconductor |
|
271 / 296 page ![]() Page 255 TMP86FS49AIUG 20.8.2 Calculation data The data used to calculate the checksum is listed in Table 20-15. Table 20-15 Checksum Calculation Data Operating Mode Calculation Data Description Flash memory writing mode Data in the entire area of the flash memory Even when a part of the flash memory is written, the checksum of the entire flash memory area (1000H to FFFH) is calculated. The data length, address, record type and checksum in Intel Hex format are not included in the checksum. Flash memory SUM output mode RAM loader mode RAM data written in the first received RAM address through the last received RAM address The length of data, address, record type and checksum in Intel Hex format are not included in the checksum. Product ID Code Output mode 9th through 18th bytes of the transferred data For details, refer to " 20.11 Product ID Code ". Flash Memory Status Output mode 9th through 12th bytes of the transferred data For details, refer to " 20.12 Flash Memory Status Code " Flash Memory Erasing mode All data in the erased area of the flash memory (the whole or part of the flash memory) When the sector erase is executed, only the erased area is used to calculate the checksum. In the case of the chip erase, an entire area of the flash memory is used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |