Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS49AIUG Datasheet(PDF) 286 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 286 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 282Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 283Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 284Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 285Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 286Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 287Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 288Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 289Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 290Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 296 page
background image
Page 270
22. Electrical Characteristics
22.1 Absolute Maximum Ratings
TMP86FS49AIUG
22.3 DC Characteristics
Note 1: Typical values show those at Topr = 25
°C and V
DD = 5 V.
Note 2: Input current (IIN3): The current through pull-up resistor is not included.
Note 3: IDD does not include IREF.
Note 4: The supply currents of SLOW2 and SLEEP2 modes are equivalent to those of IDLE0, IDLE1 and IDLE2 modes.
Note 5: When a program is executing in the flash memory or when data is being read from the flash memory, the flash memory
operates in an intermittent manner, causing peak currents in the operation current, as shown in Figure 22-1.
In this case, the supply current IDD (in NORMAL1, NORMAL2 and SLOW1 modes) is defined as the sum of the average
peak current and MCU current.
Note 6: When designing the power supply, make sure that peak currents can be supplied. In SLOW1 mode, the difference
between the peak current and the average current becomes large.
Figure 22-1 Intermittent Operation of Flash Memory
(VSS = 0 V, Topr = -40 to 85 °C)
Parameter
Symbol
Pins
Condition
Min
Typ.
Max
Unit
Hysteresis voltage
VHS
Hysteresis input
VDD = 5.5 V, VIN = 5.5 V/0 V
–0.9
V
Input current
IIN1
TEST
––
±2
µA
IIN2
Sink open drain, tri–state port
IIN3
RESET
VDD = 5.5 V, VIN = 5.5 V
Input resistance
RIN2
RESET
pull–up
VDD = 5.5 V, VIN = 0 V
100
220
450
k
Output leakage current
ILO1
Sink open drain port
VDD = 5.5 V, VOUT = 5.5 V
––2
µA
ILO2
Tri–state port
VDD = 5.5 V, VOUT = 5.5 V/0 V
––
±2
Output high voltage
VOH
Tri–state port
VDD = 4.5 V, IOH = -0.7 mA
4.1
V
Output low voltage
VOL
Except XOUT, P3, P5
VDD = 4.5 V, IOL = 1.6 mA
––
0.4
Output low curren
IOL
High current port
(P3, P5 Port)
VDD = 4.5 V, VOL = 1.0 V
–20
mA
Supply current in
NORMAL1, 2 modes
IDD
VDD = 5.5 V
VIN = 5.3 V/0.2 V
fc = 16 MHz
fs = 32.768 kHz
When a program
operates on flash
memory (Note5,6)
–12.6
20
mA
Supply current in IDLE
0, 1, 2 modes
–7.6
10
Supply current in
SLOW1 mode
VDD = 3.0 V
VIN = 2.8 V/0.2 V
fs = 32.768 kHz
When a program
operates on flash
memory (Note5,6)
–40
260
µA
When a program
operates on RAM
–14
21
Supply current in
SLEEP1 mode
–12
19
Supply current in
SLEEP0 mode
–11
18
Supply current in
STOP mode
VDD = 5.5 V
VIN = 5.3 V/0.2 V
–0.5
10
Peak current for
SLOW1 mode
(Note5,6)
IDDP-P
VDD = 5.5 V
–10
mA
VDD = 3.0 V
–2–
n
Program coutner (PC)
n+1
n+2
n+3
1 machine cycle (4/fc or 4/fs)
MCU current
I
[mA]
DDP-P
Typ. current
Momentary flash current
Max. current
Sum of average
momentary flash current
and MCU current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com