Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5DL2C48A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 5DL2C48A
Description  Switching Mode Power Supply Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

5DL2C48A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  5DL2C48A Datasheet HTML 1Page - Toshiba Semiconductor 5DL2C48A Datasheet HTML 2Page - Toshiba Semiconductor 5DL2C48A Datasheet HTML 3Page - Toshiba Semiconductor 5DL2C48A Datasheet HTML 4Page - Toshiba Semiconductor 5DL2C48A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5DL2C48A,5FL2C48A,U5DL2C48A,U5FL2C48A
2006-11-08
3
Instantaneous forward voltage VF
(V)
iF – vF
0.1
0.6
0.3
0.5
1
0.8
1.0
1.2
1.4
1.6
0.4
1.8
3
5
10
30
50
5FL2C48A
U5FL2C48A
Tj = 150°C
25
One cell
Average output rectified current IO (A)
PF (AV) – IO
α = 30°
0
1
1
2
3
5
7
2
3
4
5
6
0
60°
90°
120°
180°
5FL2C48A
U5FL2C48A
4
6
Rectangular
waveform
360°
0°
α
Conduction angle
(One cell)
Average output rectified current IO (A)
PF (AV) – IO
α = 30°
0
1
1
2
3
4
5
2
3
4
5
6
0
60°
90°
120°
180°
5DL2C48A
U5DL2C48A
Rectangular
waveform
360°
0°
α
Conduction angle
(One cell)
Average output rectified current IO (A)
Tc max– IO
α = 30°
20
1
40
60
80
120
160
2
3
4
5
6
0
60°
90°
120°
180°
5DL2C48A
U5DL2C48A
100
140
Rectangular
waveform
360°
0°
α
Conduction angle
(One cell)
Average output rectified current IO (A)
Tc max – IO
α = 30°
20
1
40
60
80
120
160
2
3
4
5
6
0
60°
90°
120°
180°
5FL2C48A
U5FL2C48A
100
140
Rectangular
waveform
360°
0°
α
Conduction angle
(One cell)
Instantaneous forward voltage VF
(V)
iF – vF
0.1
0.6
0.3
0.5
1
0.8
1.0
1.2
1.4
1.6
0.4
1.8
3
5
10
30
50
5DL2C48A
U5DL2C48A
Tj = 150°C
25°C
One cell



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com