Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58BW016DB70T3FF Datasheet(PDF) 39 Page - STMicroelectronics

Part # M58BW016DB70T3FF
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB70T3FF Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M58BW016DB70T3FF Datasheet HTML 35Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 36Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 37Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 38Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 39Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 40Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 41Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 42Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
DC and AC parameters
39/69
Figure 7.
AC measurement load circuit
Table 14.
Device capacitance(1)(2)
1.
TA = 25 °C, f = 1 MHz
2.
Sampled only, not 100% tested.
Symbol
Parameter
Test condition
Typ
Max
Unit
CIN
Input capacitance
VIN = 0 V
6
8
pF
COUT
Output capacitance
VOUT = 0 V
8
12
pF
AI04154
1.3 V
OUT
CL
CL includes JIG capacitance
3.3 k
Ω
1N914
DEVICE
UNDER
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com