Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BHA.MH.100.XAS Datasheet(PDF) 2 Page - LEMO Connectors

Part # BHA.MH.100.XAS
Description  BFE - Cap for plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

BHA.MH.100.XAS Datasheet(HTML) 2 Page - LEMO Connectors

  BHA.MH.100.XAS Datasheet HTML 1Page - LEMO Connectors BHA.MH.100.XAS Datasheet HTML 2Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.lemo.com/int_en/bha-mh-100-xas.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Technical details
Form & Material
Shell style / Model id
BHA - Cap for plug
Housing material
Aluminium (nickel plated [SAE AMS QQ N 290],
anthracite color) shell and nut, other pieces
bronze/brass
Keying
3 keys (alpha=42, gamma=30, plug: male contacts,
receptacle: female contacts)
Environment
Environmental sealing (IP rating)
IP50
Salt Spray Corrosion
max. 48 hr
Drawings
Dimensions
A
L
N
mm.
25.4
30
120
in.
1
1.18
4.72



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com