Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EBG.0R.013.GLM21 Datasheet(PDF) 2 Page - LEMO Connectors

Part # EBG.0R.013.GLM21
Description  Socket / Receptacle - Fixed Panel Front Mounted
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

EBG.0R.013.GLM21 Datasheet(HTML) 2 Page - LEMO Connectors

  EBG.0R.013.GLM21 Datasheet HTML 1Page - LEMO Connectors EBG.0R.013.GLM21 Datasheet HTML 2Page - LEMO Connectors EBG.0R.013.GLM21 Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.lemo.com/int_en/ebg-0r-013-glm21.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Technical details
Electrical Configuration
Number of contacts Low Voltage
13
Contact Termination Low voltage
Crimp
Nb of contacts Fluidic
2
Insert configuration value
0R.013 - 2 Fluidic, 13 Low V.
Insulator
L: PEEK (UL 94 / V-0/1.5)
Contact Dia.
0.7
Wire Size/AWG
26 - 22
Form & Material
Shell style / Model id
EBG - Fixed receptacle, key (G) or key (A) with visible
shell
Socket / Receptacle
Fixed Panel Front Mounted
Housing material
Crastin® PBT (Polybutylene terephthalate), grey
Locking system
Push-pull
Keying
3 keys (alpha=50,beta=30, plug: male contacts,
receptacle: female contacts)
Weight
8.01 g
Environment
Environmental sealing (IP rating)
IP50
Cable fixation
Jacket cable outside diameter [mm]
1.60 - 6.20 mm
Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com