Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP19A43FD Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMP19A43FD
Description  32-bit RISC Microprocessor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP19A43FD Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP19A43FD Datasheet HTML 9Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 10Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 11Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 12Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 13Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 14Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 15Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 16Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
TMP19A43
TMP19A43 (rev2.0) 2-8
Pin Layout and Pin Functions
Table 2-7
Pin Names and Functions (6 of 6)
Pin name
Number
of pins
Input or
output
Function
BOOT
1
Input
Pin for setting a single boot mode: This pin goes into single boot mode by sampling "L" at the
rise of a reset signal. It is used to overwrite internal flash memory. By sampling "H (DVCC3)
level" at the rise of a reset signal, it performs a normal operation. This pin should be pulled up
under normal operating conditions. Pull it up when resetting.
(With pull-up)
VREFH
1
Input
Pin (H) for supplying the A/D converter with a reference power supply
Connect this pin to AVCC3 if the A/D converter is not used.
AVCC3
1
−
Pin for supplying the A/D converter with a power supply. Connect it to a power supply even if
the A/D converter is not used.
AVSS
1
−
A/D converter GND pin (0 V). Connect this pin to GND even if the A/D converter is not used.
Pin (L) for supplying the A/D converter with a reference power supply
TEST0
1
Input
TEST pin: To be fixed to DVCC3 (with Schmitt trigger)
TEST1
1
Input
TEST pin: To be fixed to DVCC3
TEST2
1
Input
TEST pin: Set to OPEN.
TEST3
1
Input
TEST pin: Set to OPEN.
TEST4
1
Input
TEST pin: Set to OPEN.
CVCCH
1
−
Pin for supplying a high-frequency oscillator with power: 1.5 V power supply
CVCCL
1
−
Pin for supplying a low-frequency oscillator with power: 3 V power supply
CVSS
1
−
Oscillator GND pin (0 V)
DVCC15
3
−
Power supply pin: 1.5 V power supply
DVCC3
4
−
Power supply pin: 3 V power supply
DVSS
5
−
Power supply pin: GND pin (0 V)
DAVCC
1
−
Power supply pin for the D/A converter: 2.5 V power supply
If the D/A converter is not used, connect (fix) this pin to GND.
CVREF
1
−
Reference power supply pin for the D/A converter
If the D/A converter is not used, connect (fix) this pin to GND.
DAGND
1
−
GND pin (0 V) for the D/A converter
Connect this pin to GND even if the D/A converter is not used.
CVREF0
1
−
Pin for connecting a stabilizing capacitor to the D/A converter
CVREF1
1
−
Pin for connecting a stabilizing capacitor to the D/A converter
DA0
1
Output
D/A converter 0 output pin
DA1
1
Output
D/A converter 1 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com