Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7SZU04AFE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SZU04AFE
Description  Inverter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZU04AFE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SZU04AFE Datasheet HTML 1Page - Toshiba Semiconductor TC7SZU04AFE Datasheet HTML 2Page - Toshiba Semiconductor TC7SZU04AFE Datasheet HTML 3Page - Toshiba Semiconductor TC7SZU04AFE Datasheet HTML 4Page - Toshiba Semiconductor TC7SZU04AFE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TC7SZU04AFE
2007-11-01
3
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test
Circuit
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
1.0
⎯
8.5
1.0
9.0
2.5
± 0.2
0.8
⎯
6.2
0.8
6.5
3.3
± 0.3
0.5
⎯
4.5
0.5
4.8
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
⎯
3.9
0.5
4.1
3.3
± 0.3
1.0
⎯
6.0
1.0
6.5
Propagation delay
time
tPLH
tPHL
⎯
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
⎯
5.0
0.8
5.5
ns
Input capacitance
CIN
⎯
⎯
0-5.5
⎯
5
⎯
⎯
⎯
pF
3.3
⎯
9
⎯
⎯
⎯
Power dissipation
capacitance
CPD
⎯
(Note)
5.5
⎯
25
⎯
⎯
⎯
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr) = CPD・VCC・fIN + ICC
Marking
Pin Assignment (top view)
Truth Table
Logic Diagram
A
Y
L
H
H
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com