Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74AC02FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74AC02FN
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC02FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74AC02FN Datasheet HTML 1Page - Toshiba Semiconductor TC74AC02FN Datasheet HTML 2Page - Toshiba Semiconductor TC74AC02FN Datasheet HTML 3Page - Toshiba Semiconductor TC74AC02FN Datasheet HTML 4Page - Toshiba Semiconductor TC74AC02FN Datasheet HTML 5Page - Toshiba Semiconductor TC74AC02FN Datasheet HTML 6Page - Toshiba Semiconductor TC74AC02FN Datasheet HTML 7Page - Toshiba Semiconductor TC74AC02FN Datasheet HTML 8Page - Toshiba Semiconductor TC74AC02FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74AC02P/F/FN/FT
2007-10-01
3
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
⎯
2.0
3.0
5.5
1.50
2.10
3.85
⎯
⎯
⎯
⎯
⎯
⎯
1.50
2.10
3.85
⎯
⎯
⎯
V
Low-level input
voltage
VIL
⎯
2.0
3.0
5.5
⎯
⎯
⎯
⎯
⎯
⎯
0.50
0.90
1.65
⎯
⎯
⎯
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
⎯
⎯
⎯
1.9
2.9
4.4
⎯
⎯
⎯
High-level output
voltage
VOH
VIN
= VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA
(Note)
3.0
4.5
5.5
2.58
3.94
⎯
⎯
⎯
⎯
⎯
⎯
⎯
2.48
3.80
3.85
⎯
⎯
⎯
V
IOL = 50 μA
2.0
3.0
4.5
⎯
⎯
⎯
0.0
0.0
0.0
0.1
0.1
0.1
⎯
⎯
⎯
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
⎯
⎯
⎯
⎯
⎯
⎯
0.36
0.36
⎯
⎯
⎯
⎯
0.44
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
⎯
⎯
4.0
⎯
40.0
μA
Note:
This spec indicates the capability of driving 50
Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com