Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF3A8.2FV Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF3A8.2FV
Description  Product for Use Only as Protection against Electrostatic Discharge (ESD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF3A8.2FV Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF3A8.2FV Datasheet HTML 1Page - Toshiba Semiconductor DF3A8.2FV Datasheet HTML 2Page - Toshiba Semiconductor DF3A8.2FV Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF3A8.2FV
2007-11-01
1
TOSHIBA Diodes for Protecting against ESD Epitaxial Planar Type
DF3A8.2FV
Product for Use Only as Protection against Electrostatic
Discharge (ESD)
* This product is for protection against electrostatic discharge (ESD) only
and is not intended for any other usage, including without limitation,
the constant voltage diode application.
• Incorporating two devices in a single ultra-compact package reduces the
number of parts and lowers the mounting cost.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power dissipation
P*
150
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
*: Mounted on FR4 board (25.4 mm
× 25.4 mm × 1.6 mmt)
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Zener voltage
VZ
IZ = 5 mA
7.7
8.2
8.7
V
Dynamic impedance
ZZ
IZ = 5 mA
―
―
20
Ω
Reverse current
IR
VR = 6.5 V
―
―
0.5
μA
Terminal capacitance
(between Cathode and Anode)
CT
VR = 0, f = 1MHz
―
38
―
pF
Unit: mm
1. CATHODE1
2. CATHODE2
3. ANODE
VESM
JEDEC
⎯
JEITA
⎯
TOSHIBA
1-1Q1B
Weight: 0.0015g (typ.)
1
2
3
1.2±0.05
0.8±0.05
0.5mm
0.45mm
0.45mm
0.4mm


Similar Part No. - DF3A8.2FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF3A8.2FE TOSHIBA-DF3A8.2FE Datasheet
165Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A8.2FU TOSHIBA-DF3A8.2FU Datasheet
175Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
More results

Similar Description - DF3A8.2FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2S12S TOSHIBA-DF2S12S Datasheet
161Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S16S TOSHIBA-DF2S16S Datasheet
139Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S5.6FS TOSHIBA-DF2S5.6FS Datasheet
115Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A3.6FV TOSHIBA-DF3A3.6FV Datasheet
130Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6FU TOSHIBA-DF3A5.6FU Datasheet
154Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6LFE TOSHIBA-DF3A5.6LFE Datasheet
137Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2LFE TOSHIBA-DF3A6.2LFE Datasheet
144Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FV TOSHIBA-DF3A6.8FV Datasheet
144Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A8.2LFV TOSHIBA-DF3A8.2LFV Datasheet
131Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF5A6.2CFU TOSHIBA-DF5A6.2CFU Datasheet
165Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com