Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD54008S-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # PD54008S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008S-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PD54008S-E Datasheet HTML 14Page - STMicroelectronics PD54008S-E Datasheet HTML 15Page - STMicroelectronics PD54008S-E Datasheet HTML 16Page - STMicroelectronics PD54008S-E Datasheet HTML 17Page - STMicroelectronics PD54008S-E Datasheet HTML 18Page - STMicroelectronics PD54008S-E Datasheet HTML 19Page - STMicroelectronics PD54008S-E Datasheet HTML 20Page - STMicroelectronics PD54008S-E Datasheet HTML 21Page - STMicroelectronics PD54008S-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Common source s-parameter
PD54008-E, PD54008S-E
18/28
7.3
PD54008S (VDS = 7.5V IDS = 1.5A)
Table 11.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.843
-173
10.89
84
0.001
-2
0.864
-174
100
0.888
-175
5.32
80
0.014
-6
0.863
-176
150
0.905
-177
3.60
76
0.014
-8
0.866
-177
200
0.915
-178
2.66
72
0.013
-11
0.870
-177
250
0.916
-178
2.11
68
0.013
-13
0.875
-178
300
0.920
-179
1.73
63
0.013
-16
0.881
-178
350
0.924
-179
1.44
59
0.012
-18
0.889
-178
400
0.927
-179
1.23
55
0.011
-18
0.893
-178
450
0.934
-180
1.00
51
0.010
-23
0.901
-178
500
0.937
-180
0.93
48
0.010
-22
0.907
-178
550
0.939
180
0.82
44
0.009
-23
0.916
-179
600
0.944
180
0.72
42
0.008
-26
0.923
-179
650
0.948
179
0.65
38
0.008
-24
0.921
-179
700
0.949
179
0.58
36
0.007
-23
0.932
-180
750
0.952
178
0.53
33
0.007
-22
0.934
180
800
0.957
178
0.48
31
0.006
-20
0.937
180
850
0.958
178
0.44
29
0.005
-13
0.936
179
900
0.959
177
0.40
27
0.005
-12
0.946
178
950
0.961
177
0.37
25
0.004
-5
0.945
179
1000
0.963
177
0.35
23
0.005
-2
0.946
178
1050
0.965
176
0.32
21
0.004
7
0.947
178
1100
0.964
176
0.30
19
0.003
15
0.954
177
1150
0.967
176
0.28
17
0.004
28
0.952
178
1200
0.967
175
0.27
15
0.004
39
0.953
178
1250
0.969
175
0.25
13
0.004
46
0.970
177
1300
0.970
175
0.23
11
0.004
50
0.973
176
1350
0.971
174
0.22
10
0.004
56
0.957
176
1400
0.970
174
0.20
8
0.004
69
0.961
175
1450
0.968
174
0.19
7
0.005
81
0.958
175
1500
0.970
173
0.17
6
0.006
95
0.962
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com