Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD54008STR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD54008STR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008STR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD54008STR-E Datasheet HTML 7Page - STMicroelectronics PD54008STR-E Datasheet HTML 8Page - STMicroelectronics PD54008STR-E Datasheet HTML 9Page - STMicroelectronics PD54008STR-E Datasheet HTML 10Page - STMicroelectronics PD54008STR-E Datasheet HTML 11Page - STMicroelectronics PD54008STR-E Datasheet HTML 12Page - STMicroelectronics PD54008STR-E Datasheet HTML 13Page - STMicroelectronics PD54008STR-E Datasheet HTML 14Page - STMicroelectronics PD54008STR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PD54008-E, PD54008S-E
Typical performance
11/28
Figure 19.
Output power Vs.
bias current
Figure 20.
Drain efficiency Vs. bias current
0
200
400
600
800
1000
IDQ (mA)
2
4
6
8
10
12
Pout (W)
Pin = 0.45 W
VDD = 7.5 V
480 MHz
500 MHz
520 MHz
0
200
400
600
800
1000
IDQ (mA)
30
40
50
60
70
Nd (%)
480 MHz
500 MHz
520 MHz
Pin = 0.45 W
VDD = 7.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com