Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC166APWR Datasheet(PDF) 16 Page - Texas Instruments

Part # SN74LVC166APWR
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166APWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LVC166APWR Datasheet HTML 12Page - Texas Instruments SN74LVC166APWR Datasheet HTML 13Page - Texas Instruments SN74LVC166APWR Datasheet HTML 14Page - Texas Instruments SN74LVC166APWR Datasheet HTML 15Page - Texas Instruments SN74LVC166APWR Datasheet HTML 16Page - Texas Instruments SN74LVC166APWR Datasheet HTML 17Page - Texas Instruments SN74LVC166APWR Datasheet HTML 18Page - Texas Instruments SN74LVC166APWR Datasheet HTML 19Page - Texas Instruments SN74LVC166APWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
7.4 Device Functional Modes
Table 7-1 lists the functional modes of the SN74LVC166A.
Table 7-1. Operating Mode Table
INPUTS(1)
FUNCTION
SH/LD
CLK
CLK INH
L
X
X
Parallel load(2)
H
H
X
No change
H
X
H
No change
H
L
↑
Shift(3)
H
↑
L
Shift(3)
(1)
H = High voltage level, L = Low voltage level, X = Don't care, ↑ =
Low to high transition
(2)
Parallel load : Values at inputs A through H are loaded to
respective internal registers synchronously with the clock.
(3)
Shift : Content of each internal register shifts towards serial
output QH synchronously with the clock. Data at SER is shifted
into the first register.
Table 7-2. Output Function Table
INTERNAL REGISTERS(1) (2)
OUTPUTS(3)
A — G
H
Q
X
L
L
X
H
H
(1)
Internal registers refer to the shift registers inside the device.
These values are set by loading data from the parallel or serial
inputs.
(2)
H = High voltage level, L = Low voltage level, X = Don't care
(3)
H = Driving high, L = Driving low
SN74LVC166A
SCLSA15 – MAY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com