Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74ACT151P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT151P
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT151P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT151P_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT151P_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT151P_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT151P_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT151P_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT151P_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT151P_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT151P_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74ACT151P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT151P,TC74ACT151F,TC74ACT151FN
8-Channel Multiplexer
The TC74ACT151 is an advanced high speed CMOS
8-CHANNEL MULTIPLEXER fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
One of eight date input signals (D0-D7) is selected by decoding
of the three-bit address input (A, B, C). The selected data appears
on two outputs: non-inverting (Y) and inverting (W).
The STROBE input provides two output conditions; a low
level on the STROBE input transferrs the selected data to the
outputs. A high level on the STROBE input sets the Y output
low and the W output high without regard to the data or select
input conditions.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 7.1 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F151
Pin Assignment
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT151P
TC74ACT151F
TC74ACT151FN
Weight
DIP16-P-300-2.54A: 1.00 g (typ.)
SOP16-P-300-1.27A: 0.18 g (typ.)
SOL16-P-150-1.27: 0.13 g (typ.)


Similar Part No. - TC74ACT151P_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT151P TOSHIBA-TC74ACT151P_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
More results

Similar Description - TC74ACT151P_07

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7W53FK KEC-KIC7W53FK Datasheet
523Kb / 6P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-CHANNEL MULTIPLEXER/DEMULTIPLEXER)
logo
Toshiba Semiconductor
TC7WH157FC TOSHIBA-TC7WH157FC Datasheet
144Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
TC7WH157FU TOSHIBA-TC7WH157FU_07 Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
TC74AC151F TOSHIBA-TC74AC151F_07 Datasheet
319Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74AC153P TOSHIBA-TC74AC153P_07 Datasheet
333Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74AC157P TOSHIBA-TC74AC157P_07 Datasheet
273Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F_07 Datasheet
330Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74ACT157P TOSHIBA-TC74ACT157P_07 Datasheet
292Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74ACT257P TOSHIBA-TC74ACT257P Datasheet
297Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer (3-state)
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com