Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74ACT521F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74ACT521F
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT521F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74ACT521F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT521F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT521F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT521F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT521F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT521F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT521F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC74ACT521P/F
2007-10-01
4
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
⎯
4.5~
5.5
2.0
⎯
⎯
2.0
⎯
V
Low-level input
voltage
VIL
⎯
4.5~
5.5
⎯
⎯
0.8
⎯
0.8
V
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −50 μA
IOH = −24 mA
IOH = −75 mA
(Note)
4.5
4.5
5.5
4.4
3.94
⎯
4.5
⎯
⎯
⎯
⎯
⎯
4.4
3.80
3.85
⎯
⎯
⎯
V
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 50 μA
IOL = 24 mA
IOL = 75 mA
(Note)
4.5
4.5
5.5
⎯
⎯
⎯
0.0
⎯
⎯
0.1
0.36
⎯
⎯
⎯
⎯
0.1
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
ICC
VIN = VCC or GND
5.5
⎯
⎯
8.0
⎯
80.0
μA
Quiescent supply
current
IC
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
⎯
⎯
1.35
⎯
1.5
mA
Note:
This spec indicates the capability of driving 50
Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(Pn, Qn-
Q
P
=
)
tpLH
tpHL
⎯
5.0
± 0.5
⎯
7.1
11.4
1.0
13.0
ns
Propagation delay
time
(
G-
Q
P
=
)
tpLH
tpHL
⎯
5.0
± 0.5
⎯
5.7
8.3
1.0
9.5
ns
Input capacitance
CIN
⎯
⎯
5
10
⎯
10
pF
Power dissipation
capacitance
CPD
(Note)
⎯
⎯
29
⎯
⎯
⎯
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com