Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LS164 Datasheet(PDF) 3 Page - Solid State Inc

Part # 74LS164
Description  Serial -In Parallel-Out Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74LS164 Datasheet(HTML) 3 Page - Solid State Inc

  74LS164 Datasheet HTML 1Page - Solid State Inc 74LS164 Datasheet HTML 2Page - Solid State Inc 74LS164 Datasheet HTML 3Page - Solid State Inc 74LS164 Datasheet HTML 4Page - Solid State Inc 74LS164 Datasheet HTML 5Page - Solid State Inc 74LS164 Datasheet HTML 6Page - Solid State Inc 74LS164 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN74LS164
3
LOGIC DIAGRAM
Q6
Q7
A
B
Q0
Q1
Q3
Q2
Q5
Q4
MR
CP
DQ
CD
DQ
CD
DQ
CD
DQ
CD
DQ
CD
DQ
CD
DQ
CD
DQ
CD
6
3
4
5
11
12
10
13
VCC = PIN 14
GND = PIN 7
= PIN NUMBERS
1
2
8
9
FUNCTIONAL DESCRIPTION
The LS164 is an edge-triggered 8-bit shift register with
serial data entry and an output from each of the eight stages.
Data is entered serially through one of two inputs (A or B);
either of these inputs can be used as an active HIGH Enable
for data entry through the other input. An unused input must
be tied HIGH, or both inputs connected together.
Each LOW-to-HIGH transition on the Clock (CP) input
shifts data one place to the right and enters into Q0 the logical
AND of the two data inputs (A
•B) that existed before the
rising clock edge. A LOW level on the Master Reset (MR)
input overrides all other inputs and clears the register
asynchronously, forcing all Q outputs LOW.
MODE SELECT — TRUTH TABLE
OPERATING
MODE
INPUTS
OUTPUTS
MODE
MR
A
B
Q0
Q1–Q7
Reset (Clear)
L
X
X
L
L – L
H
I
I
L
q0 –q6
Shift
H
I
h
L
q0 –q6
H
h
I
L
q0 –q6
H
h
h
H
q0 –q6
L (l) = LOW Voltage Levels
H (h) = HIGH Voltage Levels
X = Don’t Care
qn = Lower case letters indicate the state of the referenced input or output one
qn = set-up time prior to the LOW to HIGH clock transition.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com