Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP227GA Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP227GA
Description  Photo Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP227GA Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP227GA Datasheet HTML 1Page - Toshiba Semiconductor TLP227GA Datasheet HTML 2Page - Toshiba Semiconductor TLP227GA Datasheet HTML 3Page - Toshiba Semiconductor TLP227GA Datasheet HTML 4Page - Toshiba Semiconductor TLP227GA Datasheet HTML 5Page - Toshiba Semiconductor TLP227GA Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP227GA, TLP227GA-2
2007-10-01
4
Ambient temperature Ta (°C)
IF – Ta
Ambient temperature Ta (°C)
ION – Ta
Forward voltage VF (V)
IF – VF
On-state voltage VON (V)
ION – VON
Ambient temperature Ta (°C)
RON – Ta
Ambient temperature Ta (°C)
IFT – Ta
0
−20
20
40
60
80
100
0
20
40
60
80
100
120
0
−20
0
20
40
60
80
100
120
40
80
120
160
200
240
280
−200
−3
−100
0
100
200
−2
−1
0
1
2
3
Ta
= 25°C
IF = 5 mA
0
−20
0
20
40
60
80
100
10
20
30
40
50
60
ION = 120 mA
IF = 5 mA
t
< 1 s
0
−40
−20
0
20
40
60
80
100
1
2
3
4
5
ION = 120 mA
t
< 1 s
0.1
0.6
0.8
1
1.2
1.4
1.6
1.8
1
10
100
0.3
3
30
Ta
= 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com