Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74HC4052AP Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HC4052AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4052AP Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC4052AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4052AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4052AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4052AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4052AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4052AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4052AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4052AP Datasheet HTML 10Page - Toshiba Semiconductor TC74HC4052AP Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TC74HC4051,4052AP/AF/AFT,4053AP/AF/AFN/AFT
2007-10-01
7
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns, GND = 0 V)
Test Condition
Ta = 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VEE (V) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Phase difference
between input and
output
φI/O
All types
GND
GND
GND
−4.5
2.0
4.5
6.0
4.5
⎯
⎯
⎯
25
6
5
4
60
12
10
⎯
⎯
⎯
⎯
⎯
75
15
13
⎯
ns
4051
(Note 1)
GND
GND
GND
−4.5
2.0
4.5
6.0
4.5
⎯
⎯
⎯
64
18
15
18
225
45
38
⎯
⎯
⎯
⎯
⎯
280
56
48
⎯
4052
(Note 1)
GND
GND
GND
−4.5
2.0
4.5
6.0
4.5
⎯
⎯
⎯
64
18
15
18
225
45
38
⎯
⎯
⎯
⎯
⎯
280
56
48
―
Output enable time
tpZL
tpZH
4053
(Note 1)
GND
GND
GND
−4.5
2.0
4.5
6.0
4.5
⎯
⎯
⎯
50
14
12
14
225
45
38
⎯
⎯
⎯
⎯
⎯
280
56
48
⎯
ns
4051
(Note 1)
GND
GND
GND
−4.5
2.0
4.5
6.0
4.5
⎯
⎯
⎯
100
33
28
29
250
50
43
⎯
⎯
⎯
⎯
⎯
315
63
54
⎯
4052
(Note 1)
GND
GND
GND
−4.5
2.0
4.5
6.0
4.5
⎯
⎯
⎯
100
33
28
29
250
50
43
⎯
⎯
⎯
⎯
⎯
315
63
54
⎯
Output disable time
tpLZ
tpHZ
4053
(Note 1)
GND
GND
GND
−4.5
2.0
4.5
6.0
4.5
⎯
⎯
⎯
95
30
26
26
225
45
38
⎯
⎯
⎯
⎯
⎯
280
56
48
⎯
ns
Control input
capacitance
CIN
All types
⎯
⎯
⎯
5
10
⎯
10
pF
COMMON terminal
capacitance
CIS
4051
4052
4053
−5.0
5.0
⎯
⎯
⎯
36
19
11
70
40
20
⎯
⎯
⎯
70
40
20
pF
SWITCH terminal
capacitance
COS
4051
4052
4053
−5.0
5.0
⎯
⎯
⎯
7
7
7
15
15
15
⎯
⎯
⎯
15
15
15
pF
Feedthrough
capacitance
CIOS
4051
4052
4053
−5.0
5.0
⎯
⎯
⎯
0.95
0.85
0.75
2
2
2
⎯
⎯
⎯
2
2
2
pF
Power dissipation
capacitance
CPD
4051
4052
(Note 2)
4053
GND
5.0
⎯
⎯
⎯
70
71
67
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
pF
Note 1: RL = 1 kΩ
Note 2: CPD is defined as the value of the internal equivalent capacitance of IC which is calculated from the
operating current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com