Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74HC174AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HC174AF
Description  Hex D-Type Flip Flop with Clear
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC174AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HC174AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC174AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC174AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC174AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC174AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC174AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC174AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC174AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC174AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74HC174AP/AF/AFN
2007-10-01
4
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40
~85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
⎯
2.0
4.5
6.0
⎯
⎯
⎯
75
15
13
95
19
16
ns
Minimum pulse width
(
CLR )
tW (L)
⎯
2.0
4.5
6.0
⎯
⎯
⎯
75
15
13
95
19
16
ns
Minimum set-up time
ts
⎯
2.0
4.5
6.0
⎯
⎯
⎯
75
15
13
95
19
16
ns
Minimum hold time
th
⎯
2.0
4.5
6.0
⎯
⎯
⎯
0
0
0
0
0
0
ns
Minimum removal time
( CLR )
trem
⎯
2.0
4.5
6.0
⎯
⎯
⎯
25
5
4
30
6
5
ns
Clock frequency
f
⎯
2.0
4.5
6.0
⎯
⎯
⎯
6
33
38
4
26
30
MHz
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
⎯
⎯
4
8
ns
Propagation delay time
(CK-Q)
tpLH
tpHL
⎯
⎯
14
26
ns
Propagation delay time
(
CLR -Q)
tpHL
⎯
⎯
15
26
ns
Maximum clock frequency
fmax
⎯
39
71
⎯
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com