Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74HC40102AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74HC40102AF
Description  Dual BCD Programmable Down Counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC40102AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74HC40102AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC74HC40102,40103AP/AF
2007-10-01
2
IEC Logic Symbol
TC74HC40102A
TC74HC40103A
Truth Table
Control Inputs
CLR
APE
SPE
CI/CE
Mode
Functional Description
H
H
H
H
Count Inhibit
Count is inhibited regardless of other inputs.
H
H
H
L
Regular Count
Down count on the rising edge of CK
H
H
L
X
Synchronous Preset
Input data is preset on the rising edge of CK
H
L
X
X
Asynchronous Preset Input data is asynchronously preset to CK
L
X
X
X
Clear
Counter is set to maximum count.
X: Don’t care
Maximum count: TC74HC40102A “99”, TC74HC40103A “255”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com