Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0803370 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803370
Description  TMP-UCT-MAG26 - Magazine
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803370 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803370 Datasheet HTML 1Page - PHOENIX CONTACT 0803370 Datasheet HTML 2Page - PHOENIX CONTACT 0803370 Datasheet HTML 3Page - PHOENIX CONTACT 0803370 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Magazine, for the THERMOMARK PRIME and the THERMOMARK CARD, for accommodating
UCT-EMP (25x6), UCT-EMP (29x8), UCT-EMP (40x17), UCT-EMP (60x15), length: 0.166 m,
width: 114 mm, height: 11.5 mm
Commercial data
Item number
0803370
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG03
Product key
BG122Z
Catalog page
Page 37 (C-3-2019)
GTIN
4055626042107
Weight per piece (including packing)
407.5 g
Weight per piece (excluding packing)
407.5 g
Customs tariff number
84439990
Country of origin
DE
TMP-UCT-MAG26 - Magazine
0803370
https://www.phoenixcontact.com/us/products/0803370
Apr 23, 2025, 8:47AM
Page 1 (4)


Similar Part No. - 0803370

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803371 PHOENIX-0803371 Datasheet
182Kb / 4P
TMP-UCT-MAG27 - Magazine
0803372 PHOENIX-0803372 Datasheet
182Kb / 4P
TMP-UCT-MAG28 - Magazine
0803373 PHOENIX-0803373 Datasheet
181Kb / 4P
TMP-UCT-MAG29 - Magazine
0803374 PHOENIX-0803374 Datasheet
188Kb / 4P
TMP-RIBBON 110 BK 100 - Ink ribbon cartridge
0803376 PHOENIX-0803376 Datasheet
182Kb / 4P
TMP-RIBBON 110 WH 100 - Ink ribbon cartridge
More results

Similar Description - 0803370

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
LY10-C1-1-10000 JAE-LY10-C1-1-10000 Datasheet
146Kb / 1P
MAGAZINE ASSEMBLY
IL-AG5-PC1-5000 JAE-IL-AG5-PC1-5000 Datasheet
96Kb / 1P
MAGAZINE ASSEMBLY
logo
PHOENIX CONTACT
0803328 PHOENIX-0803328 Datasheet
42Kb / 1P
Magazine - TMP-UM-MAG5
0803329 PHOENIX-0803329 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG6
0803330 PHOENIX-0803330 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG7
0803331 PHOENIX-0803331 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG8
0803332 PHOENIX-0803332 Datasheet
42Kb / 1P
Magazine - TMP-UM-MAG9
0803334 PHOENIX-0803334 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG10
0803681 PHOENIX-0803681 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG11
0803342 PHOENIX-0803342 Datasheet
47Kb / 2P
Magazine - TMP-UCT-MAG1
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com