Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74HCT244AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HCT244AP
Description  Octal Bus Buffer with TTL Input Level
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT244AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HCT244AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT244AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT244AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT244AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT244AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT244AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT244AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT244AP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HCT240,244AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HCT240AP,TC74HCT240AF
TC74HCT244AP,TC74HCT244AF
Octal Bus Buffer with TTL Input Level
TC74HCT240AP/AF
Inverted, 3-State
Outputs
TC74HCT244AP/AF
Non-Inverted,
3-State Outputs
The TC74HCT240A, and HCT244A are high speed CMOS
OCTAL BUS BUFFERs fabricated with silicon gate C2MOS
technology.
They achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
Their inputs are compatible with TTL, NMOS, and CMOS
output voltage levels. The TC74HCT240A is an inverting 3-state
buffer having two active-low output enables. The TC74HCT244A
is non-inverting 3-state buffer the HCT244A has two active-low
output enables.
These devices are designed to be used with 3-state memory
address drivers, etc.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 13 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
•
VIH = 2.0 V (min)
• Wide interfacing ability: LSTTL, NMOS, CMOS
• Output drive capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS240/244
TC74HCT240AP, TC74HCT244AP
TC74HCT240AF, TC74HCT244AF
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


Similar Part No. - TC74HCT244AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT244AP TOSHIBA-TC74HCT244AP Datasheet
241Kb / 6P
OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
More results

Similar Description - TC74HCT244AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
Octal Bus Buffer
logo
Toshiba Semiconductor
TC74HCT240AP TOSHIBA-TC74HCT240AP Datasheet
241Kb / 6P
OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74HCT540AP TOSHIBA-TC74HCT540AP Datasheet
236Kb / 6P
OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
Octal Bus Buffer
April, 2006 ??Rev. 5
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Toshiba Semiconductor
TC74HCT540AP TOSHIBA-TC74HCT540AP_07 Datasheet
273Kb / 7P
Octal Bus Buffer with TTL Input Level
logo
Rochester Electronics
54FCT244 ROCHESTER-54FCT244 Datasheet
529Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com