Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AEH80 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEH80
Description  Industry StandardBrick: 36V-75V Input / 80A Output Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH80 Datasheet(HTML) 1 Page - Astec America, Inc

  AEH80 Datasheet HTML 1Page - Astec America, Inc AEH80 Datasheet HTML 2Page - Astec America, Inc AEH80 Datasheet HTML 3Page - Astec America, Inc AEH80 Datasheet HTML 4Page - Astec America, Inc AEH80 Datasheet HTML 5Page - Astec America, Inc AEH80 Datasheet HTML 6Page - Astec America, Inc AEH80 Datasheet HTML 7Page - Astec America, Inc AEH80 Datasheet HTML 8Page - Astec America, Inc AEH80 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 1 OF 17
OCTOBER 9, 2003 - REVISION B
AEH/ALH80 Single Output Baseplate/Open-Frame DC-DC Converter Module
Industry Standard ½ Brick: 36V-75V Input / 80A Output Current
The AEH/ALH80 series is part of Astec's next generation single output, high-density industry standard half bricks. It operates
from a 36V to 75V DC Bus and comes in three different Isolated Logic Output voltages (ILO) well suited for DPA
applications. It’s designed to handle 80A maximum output current for 1.8V, 1.5V and 1.2V at high levels of efficiency. It
provides tight regulation and exhibits clean and monotonic output start up characteristics. The AEH/ALH80 comes with
industry standard features such as Input UVLO, OCP, OVP, OTP, output Trim, differential output Sense pins. It comes either
with baseplate or open frame construction, with double pair or single pair (option) output pins.
Special Features
Industry Standard ½ Brick Footprint
Positive and Negative Enable Options
Regulation to Zero Load
High Capacitive Load Start-up
Fixed Switching Frequency at 400kHz
Output Trim
Input Under-Voltage Lockout
Low profile / open-frame
Double pair or single pair output pins option
Environmental Specifications
-40ºC to 85ºC Operating Temperature
-40ºC to 125ºC Storage Temperature
MTBF > 1 million hours
Electrical Parameters
Input
Input Range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
1.8V @ 87.0%
1.5V @ 85.5%
1.2V @ 83.0%
Control
Enable
TTL compatible
(Positive and Negative Enable Options)
Output
Load Current
80A max
Line/Load Regulation < 1% VO
Ripple and Noise
50mVPK-PK (Typ)
Output Voltage
Adjust Range
±10% VO
Transient Response
<5% VO deviation (Typ)
50% to 75% Load Change
250
µsec settling time (Typ)
Remote Sense
+10%VO
Over Current
Protection
120% IO,MAX
Safety
UL + cUL 60950, Recognized
EN60950 through TUV-PS
CB Test Report


Similar Part No. - AEH80

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH80 ASTEC-AEH80 Datasheet
1Mb / 2P
80Amps
logo
Emerson Network Power
AEH80 EMERSON-NETWORKPOWER-AEH80 Datasheet
1Mb / 2P
Ultra High Efficiency
logo
Astec America, Inc
AEH80K48 ASTEC-AEH80K48 Datasheet
1Mb / 2P
80Amps
logo
Emerson Network Power
AEH80K48 EMERSON-NETWORKPOWER-AEH80K48 Datasheet
1Mb / 2P
Ultra High Efficiency
logo
Astec America, Inc
AEH80M48 ASTEC-AEH80M48 Datasheet
1Mb / 2P
80Amps
More results

Similar Description - AEH80

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
National Semiconductor ...
LM5046 NSC-LM5046 Datasheet
605Kb / 4P
Based Eighth Brick Reference Board Input operating range: 36V to 75V
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
Industry standard Half-brick
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
Industry Standard Half-Brick
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com