Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM6K202FE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM6K202FE
Description  High-Speed Switching Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6K202FE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM6K202FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 5Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSM6K202FE
2007-11-01
3
ID – VDS
0
4
0
0.2
0.4
0.6
1
3
VGS = 1.5 V
10 V
1
2
1.8 V
2.5 V
0.8
5
RDS (ON) – Ta
0
−50
ID = 1.5 A / VGS = 4.0 V
0
50
150
100
200
300
100
0
2
6
8
4
0
100
200
RDS (ON) – VGS
150
50
1.0 A / 2.5 V
10
ID – VGS
10
0
0.1
1
0.001
0.01
0.0001
2.0
− 25 °C
Ta
= 100 °C
25 °C
1.0
Vth – Ta
1.0
0
−50
0
150
0.5
50
100
4.0 V
250
150
50
0.5 A / 1.8 V
VGS = 4.0 V
RDS (ON) – ID
0
1
3
4
2
0
100
200
150
50
5
2.5 V
1.8 V
− 25 °C
Ta
= 100 °C
25 °C
Drain–source voltage VDS (V)
Gate–source voltage VGS (V)
Common Source
VDS = 3 V
Common Source
Ta
= 25°C
ID = 0.5 A
Common Source
Ta
= 25°C
Drain current ID (A)
Gate–source voltage VGS (V)
Common Source
Ta
= 25°C
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Common Source
Common source
VDS = 3 V
ID = 1 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com