Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIF25R48 Datasheet(PDF) 21 Page - Astec America, Inc

Part # AIF25R48
Description  Isolated DC/DC Converter Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF25R48 Datasheet(HTML) 21 Page - Astec America, Inc

Back Button AIF25R48 Datasheet HTML 17Page - Astec America, Inc AIF25R48 Datasheet HTML 18Page - Astec America, Inc AIF25R48 Datasheet HTML 19Page - Astec America, Inc AIF25R48 Datasheet HTML 20Page - Astec America, Inc AIF25R48 Datasheet HTML 21Page - Astec America, Inc AIF25R48 Datasheet HTML 22Page - Astec America, Inc AIF25R48 Datasheet HTML 23Page - Astec America, Inc AIF25R48 Datasheet HTML 24Page - Astec America, Inc AIF25R48 Datasheet HTML 25Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AIF25R48 Series Technical Reference Note
DATE: May 28, 2003
MODEL : AIF25R48 SERIES
S 21 / 29
Design Consideration
Typical Application
LOAD
+VIN
-VIN
CNT1
+VOUT
-VOUT
+SENSE
-SENSE
TRM
F1
Cin
Vin
Co1
Co2
S1
Fig.10 typical application
F1: 30A
Cin: Recommended 470 F/100V low ESR Aluminum capacitor.
Co1: Recommended 1 F/50V film capacitor.
Co2: Recommended 1000 F/50V low ESR Aluminum capacitor.
Fusing
The AIF25R48 series power modules have no internal fuse. An external fuse must always be
employed! To meet international safety requirements, a 250 Volt rated fuse should be used.
If one of the input lines is connected to chassis ground, then the fuse must be placed in the
other input line.
Standard safety agency regulations require input fusing. Recommended fuse ratings for the
AIF25R48 series are 30A.
Input Reverse Voltage Protection
Under installation and cabling conditions where reverse polarity across the input may occur,
reverse polarity protection is recommended. Protection can easily be provided as shown in
Figure ‘Reverse Polarity Protection Circuit’. In both cases the diode used is rated for
40A/100V. Placing the diode across the inputs rather than in-line with the input offers an
advantage in that the diode only conducts in a reverse polarity condition, which increases
circuit efficiency and thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com