Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0803376 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803376
Description  TMP-RIBBON 110 WH 100 - Ink ribbon cartridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803376 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803376 Datasheet HTML 1Page - PHOENIX CONTACT 0803376 Datasheet HTML 2Page - PHOENIX CONTACT 0803376 Datasheet HTML 3Page - PHOENIX CONTACT 0803376 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ink ribbon cartridge, for THERMOMARK PRIME for printing product groups US(2)-TM(F)..., US-
TM(F)L..., US-WMT(B)..., US-EML(F)..., US-EML(S)P..., US-EMLP-HA..., US-EM(S)P..., US-
EML-RS..., US-PML..., length: 60 m, roll length: 60 m, width: 110 mm, color: white
Commercial data
Item number
0803376
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG02
Product key
BG1223
Catalog page
Page 34 (C-3-2019)
GTIN
4055626042152
Weight per piece (including packing)
238.4 g
Weight per piece (excluding packing)
238 g
Customs tariff number
96121010
Country of origin
DE
TMP-RIBBON 110 WH 100 - Ink ribbon cartridge
0803376
https://www.phoenixcontact.com/us/products/0803376
Apr 24, 2025, 6:41AM
Page 1 (4)


Similar Part No. - 0803376

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803370 PHOENIX-0803370 Datasheet
180Kb / 4P
TMP-UCT-MAG26 - Magazine
0803371 PHOENIX-0803371 Datasheet
182Kb / 4P
TMP-UCT-MAG27 - Magazine
0803372 PHOENIX-0803372 Datasheet
182Kb / 4P
TMP-UCT-MAG28 - Magazine
0803373 PHOENIX-0803373 Datasheet
181Kb / 4P
TMP-UCT-MAG29 - Magazine
0803374 PHOENIX-0803374 Datasheet
188Kb / 4P
TMP-RIBBON 110 BK 100 - Ink ribbon cartridge
More results

Similar Description - 0803376

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803211 PHOENIX-0803211 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-EX
1014402 PHOENIX-1014402 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC/TR WH
1014403 PHOENIX-1014403 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD
1014404 PHOENIX-1014404 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD/YE
1014405 PHOENIX-1014405 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD/BU/YE
0800687 PHOENIX-0800687 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50
09/11/2020
0801361 PHOENIX-0801361 Datasheet
49Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 64-WMSU WH
09/11/2020
0801384 PHOENIX-0801384 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50-TC
09/11/2020
5145397 PHOENIX-5145397 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMS
09/12/2020
5148007 PHOENIX-5148007 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com