Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP330 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP330
Description  GaAs Ired & Photo−Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP330 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP330 Datasheet HTML 1Page - Toshiba Semiconductor TLP330 Datasheet HTML 2Page - Toshiba Semiconductor TLP330 Datasheet HTML 3Page - Toshiba Semiconductor TLP330 Datasheet HTML 4Page - Toshiba Semiconductor TLP330 Datasheet HTML 5Page - Toshiba Semiconductor TLP330 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP330
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = ±100 mA
—
1.4
1.7
V
Forward current
IF
VF= ±0.7V
—
2.5
20
μA
Capacitance
CT
V = 0, f = 1 MHz
—
100
—
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
55
—
—
V
Emitter
−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
—
—
V
Collector
−base
breakdown voltage
V(BR) CBO
IC = 0.1 mA
80
—
—
V
Emitter
−base
breakdown voltage
V(BR) EBO
IE = 0.1 mA
7
—
—
V
VCE = 24 V
—
10
100
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
—
2
50
μA
Collector dark current
ICER
VCE = 24 V, Ta = 85°C
RBE = 1MΩ
—
0.5
10
μA
Collector dark current
ICBO
VCE = 10V
—
0.1
—
nA
DC forward current gain
hFE
VCE = 5 V, IC = 0.5mA
—
400
—
—
Capacitance
(collector to emitter)
CCE
V = 0, f = 1 MHz
—
10
—
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Condition
MIn.
Typ.
Max.
Unit
IC / IF
IF = ±20 mA VCE = 1 V
25
—
—
%
Current transfer ratio
IC / IF(high)
IF = ±100 mA VCE = 1 V
20
—
80
%
Base photo
−current
IPB
IF = ±5 mA, VCB = 5 V
—
10
—
μA
IC = 2.4 mA, IF = 20 mA
—
—
0.4
Collector
−emitter
saturation voltage
VCE (sat)
IC = 2.4 mA, IF = ±100 mA
—
—
0.4
V
Off
−state collector current
IC(off)
VF = ± 0.7V, VCE = 24 V
—
1
10
μA
CTR symmetry
IC (ratio)
IC (IF = −20mA)
/ IC (IF = +20mA)
0.5
1
2
—



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com