Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APC18T04 Datasheet(PDF) 11 Page - Astec America, Inc

Part # APC18T04
Description  3.0-5.5Vin / 18A Non-Isolated Point-of-Load
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC18T04 Datasheet(HTML) 11 Page - Astec America, Inc

Back Button APC18T04 Datasheet HTML 5Page - Astec America, Inc APC18T04 Datasheet HTML 6Page - Astec America, Inc APC18T04 Datasheet HTML 7Page - Astec America, Inc APC18T04 Datasheet HTML 8Page - Astec America, Inc APC18T04 Datasheet HTML 9Page - Astec America, Inc APC18T04 Datasheet HTML 10Page - Astec America, Inc APC18T04 Datasheet HTML 11Page - Astec America, Inc APC18T04 Datasheet HTML 12Page - Astec America, Inc APC18T04 Datasheet HTML 13Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Technical Reference Notes
APC18T04 Series
MODEL: APC18T04 SERIES
SHEET 11 OF 13
JULY 27, 2005 - REVISION A
Performance Curves (continued)
Figure 23. 2V5 Output Transient Response (50% to
100%Iomax) at Vin = 3.3V, TA = 25°C.
Figure 22. 2V5 Output Transient Response (100% to
50%Iomax) at Vin = 3.3V, TA = 25°C.
Figure 20. 2V5 Output Ripple Waveform at Vin = 5.5V,
Iout = 18A, TA = 25°C.
Figure 21. 2V5 Output Enable Turn On Characteristic at
at Vin = 3.3V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com