Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APC08F08-W Datasheet(PDF) 13 Page - Astec America, Inc

Part # APC08F08-W
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F08-W Datasheet(HTML) 13 Page - Astec America, Inc

Back Button APC08F08-W Datasheet HTML 9Page - Astec America, Inc APC08F08-W Datasheet HTML 10Page - Astec America, Inc APC08F08-W Datasheet HTML 11Page - Astec America, Inc APC08F08-W Datasheet HTML 12Page - Astec America, Inc APC08F08-W Datasheet HTML 13Page - Astec America, Inc APC08F08-W Datasheet HTML 14Page - Astec America, Inc APC08F08-W Datasheet HTML 15Page - Astec America, Inc APC08F08-W Datasheet HTML 16Page - Astec America, Inc APC08F08-W Datasheet HTML 17Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 13 OF 23
OCTOBER 4, 2004 - REVISION 03
Performance Curves - Efficiency (continued)
3.3V Efficiency VS Load Current @ Ta = 25 deg C
30
40
50
60
70
80
90
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
LOAD CURRENT [Amp]
12Vin
6Vin
2.5V Efficiency VS Load Current @ Ta = 25 deg C
30
40
50
60
70
80
90
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
LOAD CURRENT [Amp]
12Vin
6Vin
Figure 13. APC08F08 Efficiency Curve.
Figure 14. APC08G08 Efficiency Curve.
1.8V Efficiency VS Load Current @ Ta = 25 deg C
30
40
50
60
70
80
90
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
LOAD CURRENT [Amp]
12Vin
6Vin
1.5V Efficiency VS Load Current Ta = 25 deg C
20
30
40
50
60
70
80
90
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
LOAD CURRENT [Amp]
12Vin
6Vin
Figure 15. APC08Y08 Efficiency Curve.
Figure 16. APC08M08 Efficiency Curve.
1.2V Efficiency VS Load Current @ Ta = 25 deg C
20
30
40
50
60
70
80
90
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
LOAD CURRENT [Amp]
12Vin
6Vin
0.9V Efficiency VS Load Current @ Ta = 25 deg C
20
30
40
50
60
70
80
90
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
LOAD CURRENT [Amp]
12Vin
6Vin
Figure 17. APC08K08 Efficiency Curve.
Figure 18. APC08J08 Efficiency Curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com