Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3912B Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3912B
Description  3V Four-Channel Analog Front End
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912B Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3912B Datasheet HTML 18Page - Microchip Technology MCP3912B Datasheet HTML 19Page - Microchip Technology MCP3912B Datasheet HTML 20Page - Microchip Technology MCP3912B Datasheet HTML 21Page - Microchip Technology MCP3912B Datasheet HTML 22Page - Microchip Technology MCP3912B Datasheet HTML 23Page - Microchip Technology MCP3912B Datasheet HTML 24Page - Microchip Technology MCP3912B Datasheet HTML 25Page - Microchip Technology MCP3912B Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
MCP3912B
DS20006994A-page 22
 2025 Microchip Technology Inc. and its subsidiaries
4.3
DMCLK – Digital Master Clock
This is the clock frequency that is present on the digital
portion of the device after prescaling and division by four
(the equation below). This is also the sampling
frequency, which is the rate at which the modulator
outputs are refreshed. Each period of this clock corre-
sponds to one sample and one modulator output. See
Figure 4-1.
EQUATION 4-2:
4.4
DRCLK – Data Rate Clock
This is the output data rate (i.e., the rate at which the
ADCs output new data). New data are signaled by a
data ready pulse on the DR pin.
This data rate is dependent on the OSR and the
prescaler with the formula in the equation below.
EQUATION 4-3:
There is a notch in the filter transfer function at each
integer multiple of this rate because this is the output
data rate and because the decimation filter is a SINC
(or notch) filter.
Table 4-2 describes the various combinations of OSR
and PRESCALE and their associated AMCLK, DMCLK
and DRCLK rates.
DMCLK
AMCLK
4
---------------------
MCLK
4 PRESCALE
----------------------------------------
==
DRCLK
DMCLK
OSR
----------------------
AMCLK
4OSR
---------------------
MCLK
4 OSR PRESCALE
-----------------------------------------------------------
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com