Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA047CP4 Datasheet(PDF) 1 Page - Microchip Technology

Part # MMA047CP4
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4 Datasheet(HTML) 1 Page - Microchip Technology

  MMA047CP4 Datasheet HTML 1Page - Microchip Technology MMA047CP4 Datasheet HTML 2Page - Microchip Technology MMA047CP4 Datasheet HTML 3Page - Microchip Technology MMA047CP4 Datasheet HTML 4Page - Microchip Technology MMA047CP4 Datasheet HTML 5Page - Microchip Technology MMA047CP4 Datasheet HTML 6Page - Microchip Technology MMA047CP4 Datasheet HTML 7Page - Microchip Technology MMA047CP4 Datasheet HTML 8Page - Microchip Technology MMA047CP4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 1
Product Overview
The MMA047CP4 is a Gallium Arsenide (GaAs), Monolithic Microwave Integrated Circuit (MMIC), Pseudomorphic
High-Electron-Mobility Transistor (pHEMT), distributed amplifier operating from 4 GHz to 14 GHz. Packaged in
a hermetically sealed, thermally enhanced ceramic hermetic QFN, the amplifier operates reliably with input
powers up to 32 dBm of CW RF power. The amplifier exhibits typical noise figure of 1.5 dB, 21 dB of gain, 32
dBm OIP3, and P1dB of 20 dBm operating off a single supply voltage. The MMA047CP4 amplifier includes an
on-chip bias choke and is internally matched to 50Ω for ease of application.
Key Features
Frequency range: 4 GHz to 14 GHz
Gain: 21 dB
OIP3: 32 dBm
Noise figure: 1.5 dB
CW input power rating: 32 dBm
On-chip bias choke
Supply: 7V at 180 mA; single supply with adjustable current
RF/DC ESD protection on chip
50Ω matched input/output
Package: 4 mm × 4 mm ceramic hermetic QFN
Applications
Test and measurement instrumentation
Electronic warfare (EW), electronic countermeasures (ECM), and
electronic counter-countermeasures (ECCM)
Military, A&D, space, SATCOM, C/X–Band
Telecom infrastructure
Wideband microwave radios and millimeter-wave
communications systems
Functional Block Diagram
Performance Overview
Parameter
Typ.
Units
Operational frequency range 4 – 14 GHz
Gain
21
dB
Noise figure
1.5
dB
P1dB
20
dBm
OIP3
32
dBm
Current at + 7V supply
180
mA
Export Classification: EAR–99
Performance Curves
0
5
10
15
20
25
0
5
10
15
20
25
30
35
4
6
8
10
12
14
16
Frequency (GHz)
S21, dB
P1dB, dBm
OIP3, dBm
NF, dB
4 GHz to 14 GHz GaAs MMIC LNA with High Input Power
Handling
MMA047CP4


Similar Part No. - MMA047CP4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
logo
Microchip Technology
MMA041AA MICROCHIP-MMA041AA Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5-TR MICROCHIP-MMA041PP5-TR Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5E MICROCHIP-MMA041PP5E Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results

Similar Description - MMA047CP4

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2512-SM TRIQUINT-TGA2512-SM Datasheet
315Kb / 18P
4 - 14 GHz balanced LNA
logo
Transcom, Inc.
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
14 - 18 GHz LNA MMIC
logo
TriQuint Semiconductor
TGA2512-SM TRIQUINT-TGA2512-SM_15 Datasheet
807Kb / 19P
4 14 GHz Balanced LNA
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC292ALC3B AD-HMC292ALC3B Datasheet
268Kb / 15P
14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Rev. 0 to Rev. A
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC553ALC3B AD-HMC553ALC3B Datasheet
376Kb / 25P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
3/2019-Rev.A to Rev. B
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com