Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA8401F/FG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA8401F/FG
Description  Functional Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8401F/FG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA8401F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 9Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TA8401F/FG
2006-3-2
6
Notes on Using the TA8401F/FG
The TA8401F/FG functionable bridge driver is an IC specifically developed to control rotation switching in brush motors.
This IC has been carefully designed and strengthened to withstand counter-electromotive force or startup rush current,
which are problems often associated with driving brush motors.
However, as with other power ICs, application circuits must be designed not to apply surge voltage or excess current that
exceeds the standard values. In addition, when designing PCBs, make sure the wiring pattern does not cause oscillation,
which can result in equipment malfunction or destruction of the IC.
The following are notes on use of the TA8401F/FG. These should be reflected at the design stage.
(1) Power supply voltage
To avoid the motor current affecting the TA8401F/FG control-side power supply, we recommend you use two power
supplies: an external transistor power supply, and a TA8401F/FG control-side power supply. However, when using
a single power supply, connect as in the diagram below.
(2) Maximum voltage and current
The maximum supply voltage (pin 1) for the TA8401F/FG is 18 V. The operating supply voltage is in the range of
1.8~15 V. No voltage exceeding this range should be applied to pin 1.
The maximum current is 0.5 A (ave.) or 1.5 A (peak). The circuit should be designed so that rush current at startup
does not exceed peak current, and average current during steady operation does not exceed 0.5 A.
(3) External diodes
As the block diagram shows, the TA8401F/FG has internal diodes.
The lower two diodes, which are the IC’s internal parasitic diodes, have a relatively large capacitance. However,
when a motor with a large reactance such as a core motor is driven, the upper two diodes may be damaged by the
motor’s counter-electromotive force. In such a case, connect external diodes in parallel. The lower diodes should
not be subjected to high current. For brake operation, therefore, external diodes should be connected.
(4) PCB design
The following points concern the TA8401F/FG pattern design around the power supply line (pin 1) and the pattern
design of the GND (pin 8, pin 12 / 13).
a)
Ensure that the bypass capacitor between pin 1 and GND does not share impedance with other lines.
b)
The GND line should not be shared by other circuits.
c)
The capacitance of the bypass capacitor should be as large as possible.
(5) Oscillation remedies
To prevent noise from sparks when using brush motors, a capacitor may be connected between both pins.
When using the TA8401F/FG, the capacitor is connected between outputs (pins 10 / 11 and pins 14 / 15. This
may cause oscillation. Therefore avoid connecting the capacitor where possible. If connection is necessary to
overcome noise, connect resistors in series as shown in the technical data.
The values for the capacitor and resistors must be determined according to the motor.
Note:
Particular care is necessary in the design of the output, VCC and GND lines since the IC may be destroyed
due to short circuits between outputs, air contamination faults, or faults caused by improper grounding.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com