Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCN-1K2 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SCN-1K2
Description  1200W With Parallel Function
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SCN-1K2 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SCN-1K2 Datasheet HTML 1Page - Astrodyne Corporation SCN-1K2 Datasheet HTML 2Page - Astrodyne Corporation SCN-1K2 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S C N - 1 K 2 series
1200W With Parallel Function
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
External�DC�Control�VS�Output�Voltage
Air�flow
direction
M3(NUT)x3H-4
Mechanical�Specification
Derating�Curve
File�Name:SCN-1K2-SPEC���2004-01-07
Unit:mm
Ta�(
)
-10
0
10
20
30
40
50
60
50
100
L N�FG
AC�INPUT
199.5
291.0
200.0
50.5
41.0
#6-32-4
M3(NUT).x3H-4
30.0
V ADJ
NEG-
LED
POS+
BUTTON�SIDE
M6.0
32.0
250.0
291.0
9.0
Control�terminal�Pin.�No. Assignment�(CN1)�:�Dinkle�51HDBC-O8P or�equivalent
Pin�No.
Pin�No.
5
1
6
2
7
8
3
4
Assignment
Assignment
GND
VS+
PAR
VS-
GND
INH
VCI
VCO
Mating�With
Dinkle�51SDB-O8P
or�equivalent
Terminal�Pin.�No. Assignment
Pin�No.
1
3
2
Assignment
FG
AC/N
AC/L
1200W�With�Parallel�Function
S C N - 1 K 2 series
EXTERNAL VOLTAGE(Typical)
1
2
3
4
5
O.V.P.
V
Vout
100
40
60
80
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com