Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA2-2510/883 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA2-2510/883
Description  High Slew Rate Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA2-2510/883 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA2-2510/883 Datasheet HTML 1Page - Renesas Technology Corp HA2-2510/883 Datasheet HTML 2Page - Renesas Technology Corp HA2-2510/883 Datasheet HTML 3Page - Renesas Technology Corp HA2-2510/883 Datasheet HTML 4Page - Renesas Technology Corp HA2-2510/883 Datasheet HTML 5Page - Renesas Technology Corp HA2-2510/883 Datasheet HTML 6Page - Renesas Technology Corp HA2-2510/883 Datasheet HTML 7Page - Renesas Technology Corp HA2-2510/883 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HA-2510/883
FN3697 Rev 5.00
Page 2 of 8
August 13, 2015
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . . . . . . . .40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .<2000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Supply Voltage
 15V
VINCM  1/2 (V+ - V-)
RL  2k
Thermal Resistance (Typical, Note 1)
JA
JC
Metal Can Package . . . . . . . . . . . . . . . . .
160oC/W
75oC/W
CERDIP Package. . . . . . . . . . . . . . . . . . .
120oC/W
30oC/W
Package Power Dissipation Limit at 75oC for TJ  175oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .625mW
CERDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .870mW
Package Power Dissipation Derating Factor Above 75oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.3mW/oC
CERDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379
for details.
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = 15V, RSOURCE = 100, RLOAD = 500k, VOUT = 0V, Unless Otherwise Specified.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMP (oC)
MIN
MAX
UNITS
Input Offset
Voltage
VIO
VCM = 0V
1
25
-8
8
mV
2, 3
125, -55
-18
10
mV
Input Bias Current
+IB
VCM = 0V, +RS = 100k, -RS = 100
1
25
-200
200
nA
2, 3
125, -55
-400
400
nA
-IB
VCM = 0V, +RS = 100, -RS = 100k
1
25
-200
200
nA
2, 3
125, -55
-400
400
nA
Input Offset
Current
IIO
VCM = 0V, +RS = 100k, -RS = 100k
1
25
-25
25
nA
2, 3
125, -55
-50
50
nA
Common Mode
Range
+CMR
V+ = 5V, V- = -25V
1
25
+10
-
V
2, 3
125, -55
+10
-
V
-CMR
V+ = 25V, V- = -5V
1
25
-
-10
V
2, 3
125, -55
-
-10
V
Large Signal
Voltage Gain
+AVOL
VOUT = 0V and +10V, RL = 2k
425
10
-
kV/V
5, 6
125, -55
7.5
-
kV/V
-AVOL
VOUT = 0V and -10V, RL = 2k
425
10
-
kV/V
5, 6
125, -55
7.5
-
kV/V
Common Mode
Rejection Ratio
+CMRR
VCM = +10V, V+ = +5V, V- = -25V, VOUT
= -10V
125
80
-
dB
2, 3
125, -55
80
-
dB
-CMRR
VCM = -10V, V+ = +25V, V- = -5V, VOUT =
+10V
125
80
-
dB
2, 3
125, -55
80
-
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com