Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA2-5002/883 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA2-5002/883
Description  Monolithic, Wideband, High Slew Rate, High Output Current Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA2-5002/883 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA2-5002/883 Datasheet HTML 1Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 2Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 3Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 4Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 5Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 6Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HA-5002/883
FN3705 Rev.4.00
Page 3 of 7
January 5, 2006
Output Voltage
Swing
+VOUT1
VSUP = 15V,
RL = 100,
VIN = +15V
1
+25
10
-
V
2, 3
+125, -55
10
-
V
-VOUT1
VSUP = 15V,
RL = 100,
VIN = -15V
1
+25
-
-10
V
2, 3
+125, -55
-
-10
V
+VOUT2
VSUP = 15V,
RL = 1k,
VIN = +15V
1
+25
10
-
V
2, 3
+125, -55
10
-
V
-VOUT2
VSUP = 15V,
RL = 1k,
VIN = -15V
1
+25
-
-10
V
2, 3
+125, -55
-
-10
V
+VOUT3
VSUP = 12V,
RL = 1k,
VIN = +12V
1
+25
10
-
V
2, 3
+125, -55
10
-
V
-VOUT3
VSUP = 12V,
RL = 1k,
VIN = -12V
1
+25
-
-10
V
2, 3
+125, -55
-
-10
V
Output Current
+IOUT1
VSUP = 15V,
VOUT = +10V
1
+25
100
-
mA
2, 3
+125, -55
100
-
mA
-IOUT1
VSUP = 15V,
VOUT = -10V
1
+25
-
-100
mA
2, 3
+125, -55
-
-100
mA
+IOUT2
VSUP = 12V,
VOUT = +10V
1
+25
100
-
mA
2, 3
+125, -55
100
-
mA
-IOUT2
VSUP = 12V,
VOUT = -10V
1
+25
-
-100
mA
2, 3
+125, -55
-
-100
mA
Power Supply
Rejection Ratio
+PSRR1
VSUP = 5V,
V+ = +20V, V- = -15V,
V+ = +10V, V- = -15V
1
+25
54
-
dB
2, 3
+125, -55
54
-
dB
-PSRR1
VSUP = 5V,
V+ = +15V, V- = -20V,
V+ = +15V, V- = -10V
1
+25
54
-
dB
2, 3
+125, -55
54
-
dB
+PSRR2
VSUP = 5V,
V+ = +17V, V- = -12V,
V+ = +7V, V- = -12V
1
+25
54
-
dB
2, 3
+125, -55
54
-
dB
-PSRR2
VSUP = 5V,
V+ = +12V, V- = -17V,
V+ = +12V, V- = -7V
1
+25
54
-
dB
2, 3
+125, -55
54
-
dB
Power Supply
Current
+ICC1
VSUP = 15V,
VOUT = 0V
1+25
-
10
mA
2, 3
+125, -55
-
10
mA
-ICC1
VSUP = 15V,
VOUT = 0V
1+25
-10
-
mA
2, 3
+125, -55
-10
-
mA
+ICC2
VSUP = 12V,
VOUT = 0V
1+25
-
10
mA
2, 3
+125, -55
-
10
mA
-ICC2
VSUP = 12V,
VOUT = 0V
1+25
-10
-
mA
2, 3
+125, -55
-10
-
mA
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Tested at: VSUPPLY = 12Vand 15V, RSOURCE = 50, CLOAD  10pF, VIN = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE (°C)
MIN
MAX
UNITS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com