Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A2N7002HT-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # A2N7002HT-HF
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

A2N7002HT-HF Datasheet(HTML) 1 Page - Comchip Technology

  A2N7002HT-HF Datasheet HTML 1Page - Comchip Technology A2N7002HT-HF Datasheet HTML 2Page - Comchip Technology A2N7002HT-HF Datasheet HTML 3Page - Comchip Technology A2N7002HT-HF Datasheet HTML 4Page - Comchip Technology A2N7002HT-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A2N7002HT-HF
AQW-JTR14
Page 1
REV:A
MOSFET
RoHS Device
Halogen Free
Drain-source voltage
Gate-source voltage
Pulsed drain current (Note 4) tp = 10µs
Power dissipation
Unit
Symbol
Parameter
VDSS
VGSS
ID
PD
Value
60
±20
300
0.15
V
V
mA
W
Continuous drain current
IDM
2000
Maximum Rating (at TA=25°C unless otherwise noted)
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
N-Channel
RθJA
833
°C/W
Thermal resistance junction to ambient air
RθJC
434
°C/W
Thermal resistance junction to case
Operating junction temperature range
Storage temperature range
TJ
TSTG
-55 to +150
°C
°C
-55 to +150
Circuit Diagram
Gate
Drain
Source
Features
- Drive circuits can be simple.
- Low on-resistance.
- AEC-Q101 Qualified.
- ESD protected gate up to 2KV HBM.
- High-speed switching.
- Parallel use is easy.
RθJL
521
°C/W
Thermal resistance junction to lead
Mechanical data
- Case: SOT-523, molded plastic.
- Molding compound, UL flammability classification
rating 94V-0.
- Terminals: Matte tin plated leads, solderable per
MIL-STD-202, method 208.
mA
Dimensions in inches and (millimeter)
0.007(0.18)
0.003(0.08)
0.069(1.75)
0.057(1.45)
0.012(0.30)
0.004(0.10)
0.031(0.80)
0.024(0.60)
0.012(0.30)
0.006(0.15)
SOT-523
0.001(0.02)
0.067(1.70)
0.059(1.50)
0.033(0.85)
0.030(0.75)
0.043(1.10)
0.035(0.90)
1
2
3
0.016(0.40)
0.010(0.25)
0.016(0.40)
1: Gate
2: Source
3: Drain


Similar Part No. - A2N7002HT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
A2N7002H-HF COMCHIP-A2N7002H-HF Datasheet
481Kb / 5P
MOSFET
REV:A
A2N7002HL-HF COMCHIP-A2N7002HL-HF Datasheet
484Kb / 5P
MOSFET
REV:A
A2N7002HW-HF COMCHIP-A2N7002HW-HF Datasheet
500Kb / 5P
MOSFET
REV:A
More results

Similar Description - A2N7002HT-HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com