Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TRITON60 Datasheet(PDF) 2 Page - Axiohm TXCOM

Part # TRITON60
Description  Thermal printer mechanisms
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOHM [Axiohm TXCOM]
Direct Link  https://axiohm.com/
Logo AXIOHM - Axiohm TXCOM

TRITON60 Datasheet(HTML) 2 Page - Axiohm TXCOM

  TRITON60 Datasheet HTML 1Page - Axiohm TXCOM TRITON60 Datasheet HTML 2Page - Axiohm TXCOM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
12 Volt
24 Volt
Unit
Print Speed
mm/s
150
250
Paper Width
mm
60
60
Print Width
mm
56
56
Resolution
Dots/mm
DPI
8
203
8
203
Number of Dots
dot
448
448
Paper Thickness
µm
60 to 190
60 to 190
Operating Voltage Range
V
12
24
Mechanism Reliability
Km
> of 100
> of 100
Dimensions (W*D*H)
mm
74,5*65,75*42,1
74,5*65,75*42,1
Dimensions without cutter
(W*D*H)
mm
74,5*61*32
74,5*61*32
Cutter
RM : auto cutter
(full & partial cuts)
RM : auto cutter
(full & partial cuts)
Cutter Reliability
°C/F
1.5 Million cuts
1.5 Million cuts
Operating Temperature
%RH
-20 to 60°C / -4 to 140 °F
-20 to 60°C / -4 to 140 °F
Operating Humidity
20 to 85
20 to 85
Interface
Kbytes
RS232 & USB
RS232 & USB
Command Set
Compatible ESC/POS TM
Compatible ESC/POS TM
User Flash Memory
192
192
Sensors
End of Paper
End of Paper
Human Interface
Paper Feed and Reset buttons
LED indicator
Paper Feed and Reset buttons
LED indicator
OPTIONS
2 paper path entrances
Paper Low sensor input
Jam free paper detection
Power and interface cables
2 paper path entrances
Paper Low sensor input
Jam free paper detection
Power and interface cable
DRIVERS
Windows TM
XP / VISTA / Seven / Eight / CE
– LINUX
Windows TM
XP / VISTA / Seven / Eight / CE –
LINUX
Firmware Features
Compatible EASYFONT TM
Paper Low Management
Top of form Management
Compatible EASYFONT TM
Paper Low Management
Top of form Management
Bar Code Printing
1D and 2D
1D and 2D
The Axiohm expertise
TRITON 60
Thermal printer mechanisms
France : (for EMEA & Asia/Pacific)
Parc d’affaires NOVEOS - 10 avenue DESCARTES - 92350 Le PLESSIS ROBINSON
Tel : 33 (0)1 58 07 17 17 - info@axiohm.com
USA (for USA, Canada and South America)
2411 N Oak Street - Suite 203-C - Myrtle Beach, South Carolina 29577
Tel : (+1) 843 443-3155 - namsales@axiohm.com
© TXCOM. All rights reserved worldwide. All trademarks or registered trademarks are the property of their respective owners. Printed in France. Product speci昀椀cations are subjected to change in order
for AXIOHM to continue to meet the need of the market. ESC/POSTM is a trademark of Seiko Epson Corporation.
Quality
100 % of our printers are fully tested at the
end of the production line. Our Return
rate is below the industry standard : 0,3%
Delivery
Our factory and procurement
departement are doing their best to
secure your shipment schedule.
Reality speaks for itself, our service
rate for 2018 is 97,6% !
More than 30 years of innovations for you
Customization
Part of our DNA, Axiohm continues to
support your project at every integration
stage with speci昀椀c proposals.
Do not hesitate to contact us.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com