Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6CB332016A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI6CB332016A Datasheet HTML 5Page - Diodes Incorporated PI6CB332016A Datasheet HTML 6Page - Diodes Incorporated PI6CB332016A Datasheet HTML 7Page - Diodes Incorporated PI6CB332016A Datasheet HTML 8Page - Diodes Incorporated PI6CB332016A Datasheet HTML 9Page - Diodes Incorporated PI6CB332016A Datasheet HTML 10Page - Diodes Incorporated PI6CB332016A Datasheet HTML 11Page - Diodes Incorporated PI6CB332016A Datasheet HTML 12Page - Diodes Incorporated PI6CB332016A Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
99
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
HCSL Output Characteristics
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
VOH
Output voltage high
660
780
900
mV
VOL
Output voltage low
–150
20
150
mV
Vcross absolute Absolute Crossing point Voltage
250
550
mV
Vcross _var
Crossing point voltage variation
140
mV
fOUT
Output Frequency
100
400
MHz
tRF
Slew rate (1,2,3)
Scope averaging on, 10 inch trace
1.5
3.0
4
V/ns
DtRF
Slew rate matching (1,2,4)
Scope averaging on, 10 inch trace
20
%
tSKEW
Output Skew (1,2)
Averaging on, VT = 50%
50
ps
tDC
Diff. Output Duty Cycle
Measured differentially
45
55
%
Tpd
Propagation Delay
2.0
3
ns
tOELAT
Output Enable Latency
Q start after OE# assertion
Q stop after OE# deassertion
4
5
10
clocks
tPDLAT
PD# De-assertion
Differential outputs enable after
PD# de-assertion
20
300
µs
tLOSAssert
LOS Assert Time
Time from disappearance of
input clock to LOS assert
50
100
ns
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
VILDIF
Diff. Input Low Voltage (3)
IN+, IN-, single-end measure-
ment
–300
0
300
mV
VSWING
Diff. Input Swing Voltage
Peak to peak value (VIHDIF -
VILDIF)
200
mV
VCOM
Common mode voltage
100
1200
mV
tRF
Diff. Input Slew Rate (2)
0.7
V/ns
IIN
Diff. Input Leakage Current
VIN+ = VDD, VIN- = 0.8V
–40
100
uA
tDC
Diff. Input Duty Cycle
Measured differentially
45
55
%
tjc-c
Diff. Input Cycle to cycle jitter
Measured differentially
125
ps
Note:
1. Guaranteed by design and characterization, not 100% tested in production
2. Slew rate measured through +/-75mV window centered around differential zero
3. The device can be driven by a single-ended clock by driving the true clock and biasing the complement clock input to the Vbias, where Vbias is (VIH-VIL)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com