Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TB62705CP Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TB62705CP
Description  8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62705CP Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TB62705CP_06 Datasheet HTML 7Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 8Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 9Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 10Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 11Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 12Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 13Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 14Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TB62705CP/CF/CFN
2006-06-13
11
[1] Output current (IOUT)
IOUT is set by the external resistor (R−EXT), as shown in Fig. 1.
[2] Total supply voltage (VLED)
This device can operate on 0.4~0.7 V (VO).
When a higher voltage is input to the device, the excess voltage is consumed inside the device, which leads to
power dissipation. To minimize power dissipation and loss, we recommend that the total supply voltage be set
as follows:
VLED (total supply voltage) = VCE (Tr Vsat) + Vf (LED forward voltage) + VO (IC supply voltage).
When the total supply is too high in the light of the power dissipation of this device, an additional resistor (R)
can be used to decrease the supply voltage (VO).
PATTERN LAYOUT
[3] Pattern layout
This device has only one ground pin, i.e., the combined signal ground pin and power ground pin.
If the ground pattern layout contains a large amount of inductance and impedance, and the voltage between
the ground and LATCH or CLOCK terminals exceeds 2.5 V due to switching noise, the device may not operate
correctly. Be sure to pay attention to pattern layout to minimize inductance.
OUTn
OUTn
OUTn
OUTn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com