Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS-201HSRH Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HS-201HSRH
Description  Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS-201HSRH Datasheet(HTML) 3 Page - Renesas Technology Corp

  HS-201HSRH Datasheet HTML 1Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 2Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 3Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 4Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 5Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 6Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HS-201HSRH, HS-201HSEH
FN4874 Rev 4.01
Page 3 of 6
May 8, 2024
Die Characteristics
Die Dimensions
4950µm x 2970µm (195 mils x 117 mils)
Thickness: 483µm ±25.4µm (19 mils ±1 mil)
Interface Materials
GLASSIVATION
Type: Phosphorus Silicon Glass (PSG)
Thickness: 8.0k
Å ±1.0kÅ
METALLIZATION
Type: AlSiCu
Thickness: 16.0k
Å ±2kÅ
SUBSTRATE
Rad Hard Silicon Gate, Dielectric Isolation
BACKSIDE FINISH
Silicon
Assembly Related Information
SUBSTRATE POTENTIAL
Unbiased (DI)
Additional Information
WORST CASE CURRENT DENSITY
<2.0 x 105A/cm2
TRANSISTOR COUNT
328
Metallization Mask Layout
FIGURE 1. HS-201HSRH AND HS-201HSEH MASK LAYOUT
D4
S4
GND
V-
S1
IN4
IN3
IN1
IN2
D3
S3
V+
S2
D2
D1
10
1
3
2
4
6
5
7
8
9
11
15
13
14
16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com