Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MANO566-R680E-S Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # MANO566-R680E-S
Description  Mini-ITX SBC with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ Processor, Intel® Q670E/R680E/H610E, 2 HDMI, DisplayPort, eDP, 2 GbE LAN, and HD Audio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MANO566-R680E-S Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  MANO566-R680E-S Datasheet HTML 1Page - Axiomtek Co., Ltd. MANO566-R680E-S Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.axiomtek.com
Mini-ITX Motherboards
MANO566
Mini-ITX SBC with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ Processor,
Intel® Q670E/R680E/H610E, 2 HDMI, DisplayPort++, eDP, 2 GbE LAN, and HD Audio
NEW
CPU fan
System fan
eDP
24+8-pin
power input
M.2 Key M 2280
Intel® Q670E
2 x SATA 3.0
HDMI &
DisplayPort
2 x GbE LAN
4 x USB 3.2
HDMI
MIC-in/Line-out
2 x COM
M.2 Key B 3052
M.2 Key E 2230
2 x DDR4 SO-DIMM
PCIe x16 (Gen5)
Features
● LGA1700 socket 14th/13th/12th gen Intel® Core™ i9/i7/i5/i3 processor
● Intel® Q670E/R680E/H610E chipset
● 2 DDR4 SO-DIMM for up to 64GB of memory
● 4 USB 3.2 and 4 USB 2.0
● 4 COM ports
● 2 SATA-600 and 1 M.2 Key M 2280
● 1 PCIe x16, 1 M.2 Key E 2230, and 1 M.2 Key B 3052/3042
Specifications
Core System
CPU
LGA1700 socket 14th/13th/12th gen Intel® Core™ i9/i7/i5/i3 or Celeron® processor (up to 65W)
System Memory
2 x 260-pin DDR4-3200 SO-DIMM, up to 64GB
Chipset
Intel® Q670E/R680E/H610E
BIOS
AMI
SSD
1 x M.2 Key M 2280 with support for NVMe
Watchdog Timer
255 levels, 1 to 255 sec.
Expansion Interface
1 x PCIe x16
1 x M.2 Key E 2230
1 x M.2 Key B 3052/3042 (Only Q670E/R680E version)
Battery Lithium
Lithium 3V/220mAH
Power Input
24+4-pin ATX connector
Supports AT Mode Auto Power function
Triple-View
USB 3.2 Gen2
M.2
Side view
Rear view


Similar Part No. - MANO566-R680E-S

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MANO560 AXIOMTEK-MANO560 Datasheet
428Kb / 2P
Mini-ITX SBC with LGA1700 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 Pentium® or Celeron® Processor, DisplayPort, HDMI, VGA, LVDS, USB 3.2, M.2, and Dual GbE LAN
Aug. 22, 2024.
MANO560-H-B-S AXIOMTEK-MANO560-H-B-S Datasheet
428Kb / 2P
Mini-ITX SBC with LGA1700 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 Pentium® or Celeron® Processor, DisplayPort, HDMI, VGA, LVDS, USB 3.2, M.2, and Dual GbE LAN
Aug. 22, 2024.
MANO560-H-B-U AXIOMTEK-MANO560-H-B-U Datasheet
428Kb / 2P
Mini-ITX SBC with LGA1700 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 Pentium® or Celeron® Processor, DisplayPort, HDMI, VGA, LVDS, USB 3.2, M.2, and Dual GbE LAN
Aug. 22, 2024.
MANO560-H-S-S AXIOMTEK-MANO560-H-S-S Datasheet
428Kb / 2P
Mini-ITX SBC with LGA1700 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 Pentium® or Celeron® Processor, DisplayPort, HDMI, VGA, LVDS, USB 3.2, M.2, and Dual GbE LAN
Aug. 22, 2024.
MANO560-H-S-U AXIOMTEK-MANO560-H-S-U Datasheet
428Kb / 2P
Mini-ITX SBC with LGA1700 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 Pentium® or Celeron® Processor, DisplayPort, HDMI, VGA, LVDS, USB 3.2, M.2, and Dual GbE LAN
Aug. 22, 2024.
More results

Similar Description - MANO566-R680E-S

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MANO870 AXIOMTEK-MANO870_17 Datasheet
283Kb / 1P
Mini-ITX SBC with Socket G2 3rd Gen Intel Core Processor, Intel QM77
MANO872 AXIOMTEK-MANO872_17 Datasheet
267Kb / 1P
Mini-ITX SBC with LGA1155 Socket 3rd Gen Intel Core Processor
MANO873 AXIOMTEK-MANO873_17 Datasheet
320Kb / 1P
Mini-ITX SBC with LGA1155 Socket 3rd Gen Intel Core Processor, Intel Q77
MANO881 AXIOMTEK-MANO881_17 Datasheet
257Kb / 1P
Mini-ITX SBC with LGA1150 Socket 4th Gen Intel Core Processor
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
AIMB-288E ADVANTECH-AIMB-288E Datasheet
3Mb / 6P
THIN AI Motherboard 12th Gen Intel® Core™ Processor LGA1700, NVIDIA® Quadro® Embedded T1000
17-Aug-2022
MIO-4370 ADVANTECH-MIO-4370 Datasheet
5Mb / 6P
12th Gen. Intel® Core™ Processors S-series (LGA1700) on 4" EPIC SBC
5-Sep-2022
logo
AAEON Technology
MAX-Q670A AAEON-MAX-Q670A Datasheet
734Kb / 2P
MAX with 12th/13th Generation Intel® Core™ LGA1700 Socket Processors, TDP Max. 125W
2023/05/10
logo
BCM Advanced Research.
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com