Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

813 Datasheet(PDF) 1 Page - Littelfuse

Part # 813
Description  Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

813 Datasheet(HTML) 1 Page - Littelfuse

  813 Datasheet HTML 1Page - Littelfuse 813 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/19/19
Cartridge Fuse Holders
Enclosed Fuseholders > Circuit Board Mounted
RoHS Pb
Product Characteristics
Dimensions
Fuse ca rrier i nserted
Bayonet-joint
max. 0,2
5,5
45,7
Printed circuit board
0,5
ø 2 -0,05
Stud
27,94
7,62
1,9
1,1
Holes in the printed circuit board:
7,62
27,94
Stud
1,3 +0,1
1,3 +0,1
17,8
2 +0,1
10
Holes in the printed circuit board: 1,3 +0,1
Stud
Fuse carrier inserted
Bayonet-joint
max. 0,2
45,7
Printed circuit board
5,5
2 -0,05
Stud
17,8
0,5
10
7,9
15
1,1 +0,1
Fuse carrier inserted
ø 12,7
∅15
Bayonet joint
5,08
1,1
Printed circuit board
12,7
Holes in the printed circuit board: 1,3 +0,1
7,62
4,45
ø15
0,5
ø12,7
12,7
1,1
10±0,1
Fuse carrier inserted
body
Printed circuit board
flange
10 ±0,1
Bayonet-joint
Slot for screwdriver
max. 34
1,5
1,2
Cap 815
Bayonet-connector-nose
max. 33,2
Cap 816
Holes in the printed circuit board: 1,3 +0,1
810 Series
811 Series
813 Series
814 Series
Compatible
Fuse Types
5×20mm
6.3×32mm
5×20mm
6.3×32mm
5×20mm
6.3×32mm
5×20mm
6.3×32mm
Materials
Holder/Cap: BlackThermoplastic, UL94V-0
Metal Parts: Copper alloy, corrosion protected
Terminals: Solderable, tinned
Electrical
Data (23ºC)
Rated Voltage: 250V
Rated Current: 6.3A (VDE) 16A (UL/CSA)
Rated Power:
2.5W (VDE)
RatedPower:
1.6W (813+815-
VDE)
2.5W (813+816
-VDE)
Rated Power:
1.6W (814+815-
VDE)
2.5W (814+816-
VDE)
Mounting
(3) Solder
pins 0.5mm
× 1.1mm and
plastic stud.
The pins
spaced at
5.08mm form
a common
connection.
(4) Solder
pins 0.5mm
× 1.1mm
The pins
spaced at
5.08mm form
a common
connection.
(2) Solder pins
0.5mm × 1.1mm
and plastic stud
(2) Solder pins
0.5mm ×
1.1mm
Protection
Class &
Category
IP 40 (IEC 60529)
PC2 (IEC 60127-6)
Operating
Temperature
-25 °C to 70 °C
ClimaticTest -25ºC/+70ºC/21 days (IEC 60068-2-1...3)
Stock
Conditions
+10ºC to +60ºC relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days - 95%
Vibration
Resistance
24 cycles at 15 min. each (IEC 60068-2-6) 10 - 60Hz at
0.75mm amplitude  60 - 2000Hz at 10g acceleration
Contact
Resistance
≤ 5mΩ
Dielectric
Strength
> 1.5 kV
Impulse
Voltage
4 kV, 50 Hz, 1 min., dry
Insulation
Resistance
> 103 MΩ (500 VDC, 1 min.)
Solderability 235ºC, 3 sec. (Wave) 350ºC, 1 sec. (Soldering Iron)
Soldering
Heat
Resistance
260ºC, 5 sec. (IEC 60068-2-20)
Min Cross
Section
Conducting path - 0.2mm2
Marking
810, 250V,
Approvals
811, 250V,
Approvals
813, 250V,
Approvals
814, 250V,
Approvals
UnitWeight
5.4g(Holder) /
2.5g (Cap)
5.2g(Holder)
/ 2.5g (Cap)
5.8g (Holder) /
2.5g (Cap)
4.6g (Holder)
25g (Cap)
810/811/813/814 Series Circuit Board Mount Enclosed Fuse Holders
810 Series
811 Series
813 Series
814 Series
815/816 Series
For 6.3×32mm Fuses
For 5×20mm Fuses
810 Series Holder
811 Series Holder
813 Series Holder
814 Series Holder
815 Cap
816 Cap
Agency
Part Number
810
811
813
814
Agency File Number
118611
120642
118349
118347
E70164
47574
Dimensions
Note: Refer to Fuseology for information on proper fuseholder re-rating


Similar Part No. - 813

ManufacturerPart #DatasheetDescription
logo
Littelfuse
813 LITTELFUSE-813 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
logo
Mill-Max Mfg. Corp.
813 MILL-MAX-813 Datasheet
2Mb / 11P
Mill-Max Spring-loaded Connectors Minimize Noise
logo
Abbatron All Rights Res...
813 ABBATRON-813 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
813 BG-813 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
813 BG-813 Datasheet
56Kb / 1P
Nexus Moulded Wiring Accessories
More results

Similar Description - 813

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
Fuse Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
logo
Littelfuse
345 LITTELFUSE-345 Datasheet
779Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
345-HV LITTELFUSE-345-HV Datasheet
899Kb / 3P
345 HV Series Panel Mount Enclosed Fuse Holders
03450601H LITTELFUSE-03450601H_V01 Datasheet
719Kb / 3P
345 HV Series Panel Mount Enclosed Fuse Holders/345 HV Series Shock Safe Circuit Board Mount Enclosed Fuse Holders
Revised: 12/10/19
03453LS7HXLNP LITTELFUSE-03453LS7HXLNP_V01 Datasheet
658Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
58300000005 LITTELFUSE-58300000005 Datasheet
615Kb / 1P
596/583 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 06/04/15
652 LITTELFUSE-652_V01 Datasheet
514Kb / 1P
652 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/13
83000000005 LITTELFUSE-83000000005 Datasheet
868Kb / 2P
830/831/834 Series Circuit Board Mount Enclosed Fuse Holders
Revised: 02/13/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com