Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL7119RHF/PROTO Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL7119RHF/PROTO
Description  Radiation Hardened High Speed Dual Voltage Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL7119RHF/PROTO Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL7119RHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FN6607 Rev.5.02
Page 5
Feb 13, 2025
ISL7119RH, ISL7119EH Datasheet
2.4
Electrical Specifications
VS = ±15V, GND = 0V, TA = 25°C, unless otherwise noted
Parameter
Symbol
Test Condition[1]
1. RH and EH Device meet all levels M, D, P, L, R, and F of irradiation. However, these devices are only tested at the F level in accordance with
MIL-STD-883 method 1019 condition A. Pre and post irradiation values are identical unless otherwise specified in table. When performing post
irradiation electrical measurements for any RHA level, TA = +25°C (see Ordering Information). Device type 01 may be dose rate sensitive in a
space environment and may demonstrate enhanced low dose rate effects. In addition, an EH device is production lot acceptance tested on a
wafer-by-wafer basis to 300krad(Si) in accordance with MIL-STD-883 method 1019 condition A, and 50krad(Si) in accordance with MIL-STD-883
method 1019 condition D.
Min
Max
Unit
Input Offset Voltage
VOS
+VS = 15V, -VS = -15V,
RS ≤ 5kΩ, RL = 1.4kΩ pull up to 5V
VCM = 12V
-8
+8
mV
VCM = -12V
+VS = 5V, -VS = 0V,
RS ≤ 5kΩ, RL = 1.4kΩ pull up to 5V
VCM = 1V
VCM = 3V
Saturation Voltage
VSAT
+VS = 15V, -VS = -15V, VIN ≤ -8mV, ISINK ≤ 25mA
-
1.8
V
+VS = 3.5V, -VS = -1V, VIN ≤ -8mV, ISINK ≤ 3.2mA
-
0.65
V
Common-Mode Rejection Ratio
CMRR
+VS = 15V, -VS = -15V,
RS ≤ 5kΩ, RL = 1.4kΩ pull up to 5V
VCM = 12V
74
-
dB
VCM = -12V
Input Offset Current
IIO
+VS = 15V, -VS = -15V,
VCM = 12V
-
150
nA
VCM = -12V
+VS = 5V, -VS = 0V,
VCM = 1V
VCM = 3V
Input Bias Current
IB
+VS = 15V, -VS = -15V, RL = 1.4kΩ
-
1000
nA
+VS = 5V, -VS = 0V, RL = 1.4kΩ
Positive Supply Current
ICC
+VS = 15V, -VS = -15V, ISINK ≤ 25mA
-
12
mA
Negative Supply Current
IEE
+VS = 15V, -VS = -15V, ISINK ≤ 25mA
-5
-
mA
Voltage Gain
AVOL
+VS = 15V, -VS = -15V, RL = 10kΩ pull up to 15V,
∆VOUT = 10V
74
-
dB
+VS = 5V, -VS = 0V, RL = 10kΩ pull up to 5V,
∆VOUT = 10V
72
-
dB
Output Leakage Current
ICEX
+VS = 15V, -VS = -1V, VIN < VIO(min), VOUT = 35V
-
20
μA
Input Voltage Range
VIN
+VS = 15V, -VS = -15V
-12
12
V
+VS = 5V, -VS = 0V
1
3
V
Response Time
tPD
+VS = 15V, -VS = -15V, RL = 500Ω pull up to 5V,
CL = 50pF to GND, VIN = VIO + 5mV, ∆VIN = 100mV
-
160
ns
+VS = 5V, -VS = 0V, RL = 500Ω pull up to 5V,
CL = 50pF to GND, VIN = VIO + 5mV, ∆VIN = 100mV
-
185
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com