Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7MBD3245AFK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7MBD3245AFK
Description  Octal Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBD3245AFK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7MBD3245AFK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7MBD3245AFK
2007-10-19
3
Electrical Characteristics
DC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
(Note 1)
Max
Unit
“H” level
VIH
⎯
4.5~5.5
2.0
⎯
⎯
Input voltage
“L” level
VIL
⎯
4.5~5.5
⎯
⎯
0.8
V
4.75
2.3
2.8
3.2
5.0
2.5
3.0
3.4
High-level output voltage
(Note 2)
VOH
IOH
= −1 μA
VIS = VCC
5.25
2.7
3.2
3.6
V
Input leakage current
IIN
VIN = 0~5.5 V
4.5~5.5
⎯
⎯
±1.0
μA
Power off leakage current
IOFF
A, B, OE
= 0~5.5 V
0
⎯
⎯
±1.0
μA
Off-STATE leakage current
(switch off)
ISZ
A, B
= 0~5.5 V, OE = VCC
4.5~5.5
⎯
⎯
±1.0
μA
4.5
⎯
5
9
IIS = 64 mA
4.75
⎯
5
8
4.5
⎯
5
9
VIS = 0 V
IIS = 30 mA
4.75
⎯
5
8
4.5
⎯
35
65
ON resistance
(Note 3)
RON
VIS = 2.3 V, IIS = 15 mA
4.75
⎯
35
50
Ω
Quiescent supply current
ICC
VIN
= VCC or GND,IOUT = 0
5.5
⎯
⎯
10
μA
Increase in ICC per input
ΔICC
VIN = 3.4 V (one input)
5.5
⎯
⎯
2.5
mA
Note 1: Typical values are at VCC = 5 V, Ta = 25°C.
Note 2: It recommends that this device uses Pull-up resistance when adding and using resistance for
an output terminal. Since it couses to drop a VOH voltage level when using Pull-down resistance
for an output terminal.
Note 3: Measured by the voltage drop between A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the two (A or B) pins.
AC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
Propagation delay time
(bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note)
4.5
⎯
0.32
ns
Output enable time
tpZL
tpZH
Figure 1, Figure 3
4.5
⎯
7.0
ns
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
4.5
⎯
7.0
ns
Note: The propagation delay time is calculated by the RC (on-resistance and load capacitance) time constant.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance
CIN
(Note)
5.0
3
pF
Switch terminal capacitance
CI/O
OE
= VCC
(Note)
5.0
10
pF
Note: This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com