Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSB593 Datasheet(PDF) 1 Page - VITROHM

Part # CSB593
Description  Shunt Open Frame Surface Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

CSB593 Datasheet(HTML) 1 Page - VITROHM

  CSB593 Datasheet HTML 1Page - VITROHM CSB593 Datasheet HTML 2Page - VITROHM CSB593 Datasheet HTML 3Page - VITROHM CSB593 Datasheet HTML 4Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1
AEC - Q200
Qualified
CSB Series Datasheet
Shunt Open Frame Surface Mount Resistor
Type / Size
CSB251
CSB392
CSB593
Nominal Power Rating P70
[W]
Up to 4.3
Up to 12
Up to 15
Resistance Range
(Preferred values)
[Ω]
R0, R0003,R0005,R001,R0013,
R002,R003,R004,R005,R0068,R01
R0002,R0003,R0005,R0007,R001,
R0015,R002,R0025,R003,R004,R005
R0001,R0002,R0003,R0004,
R0005, R0006,R001,R002
Tolerances
±[%]
F = 1%, H = 3%, J = 5%
Temperature Coefficient
[ppm/ºC]
See table
Operating Temperature Range
[ºC]
-55 … +170
Inductance
[nH]
< 2
< 3
< 3
Max. working voltage
[V]RMS
Type
CSB251
CSB392
CSB593
Resistor
Dim.
PCB Layout
(Solder pad)
High Conductivity Copper Terminals
Excellent Long-term Stability
Flame Resistance
Solid Metal Construction
AEC-Q200 Qualified
RoHs e REACH Compliant
CSB
251
F
K
-
13-
R002
AA
Type
Size
Tol.
Pack-
Code
TC
Reel
diam.
*R Value
251=2512
392=3921
593=5931
F = ±1%
H = ±3%
J = ±5%
Blister
tape
Base on
spec.
13- inch
AA = Standard
S0 = Special
*0.2 mΩ to4 mΩ thereare3~4digitsindicatedtheresistancevalue.LetterR/L isdecimalpoint
(L2 = 0.0002
Ω, 0R001 =1mΩ)
**Tol. for t≤0,67mm , for t>0,67 applicable tol. Is +0/-0,7
**Tol. for t≤0,68mm , for t>0,68 applicable tol. Is +0/-0,8
**For 0,1mΩ , 4,8mm +0,1/-1,0mm
Dim. (B) see table next page
Automotive
Industrial
Power & Energy


Similar Part No. - CSB593

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSB500 MURATA-CSB500 Datasheet
447Kb / 10P
Techinical Data Ceramic Resonatoe
logo
Continental Device Indi...
CSB507 CDIL-CSB507 Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB507C CDIL-CSB507C Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB507D CDIL-CSB507D Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB507E CDIL-CSB507E Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
More results

Similar Description - CSB593

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-91-210-41-105 PREDIP-110-91-210-41-105 Datasheet
36Kb / 1P
Dual-in-line sockets and headers Open frame / surface mount
logo
Bourns Electronic Solut...
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
Shunt Resistor
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
Shunt Resistor
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
logo
Bourns Electronic Solut...
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
Shunt Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
SHUNT RESISTOR
logo
Stackpole Electronics, ...
HCC SEI-HCC Datasheet
292Kb / 4P
High Current Chassis Mount Shunt Resistor
10/22/2020
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMHV RFE-RMHV Datasheet
1Mb / 5P
SURFACE MOUNT RESISTOR
2022.01.19
RMV RFE-RMV Datasheet
705Kb / 4P
SURFACE MOUNT RESISTOR
2017.12.21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com