Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OTB-488S Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # OTB-488S
Description  MEDIUM-POWER THRU-PANEL TERMINAL BLOCK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

OTB-488S Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  OTB-488S Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BlockMaster’s
OTB-488S
series
are
perfect
for
interfacing internally wired products to the outside
world. They offer a clear, protective cover to reduce
shock hazard, and each terminal has a SEMS screw for
convenient field wiring as shown. Suitable for industrial
controls, spa controls or any medium-power field wiring
to control box application.
XXP
OTB-488S
C
PART #:
OTB-488S
MEDIUM-POWER THRU-PANEL TERMINAL BLOCK
PITCH: 27mm 600 VOLTS / 150 AMPS
Type:
High-Power Thru- Panel
Electrical
Rated Voltage: 600V Rated Current:
150A Wire Size: 3-10 AWG Operating
Temperature: -40C to +90C
Features:
Thru-Panel, Barrier Construction
Plastic, Finger-Safe Cover
Marker Strip Included
Materials
Housing: Polycarbonate (UL94V-0)
Standard Color: Black
Cover: Polycarbonate (UL94V-0) Clear
Terminal: Brass-Plated
Positions Available: 1-15
Screw Size: M6 Brass, Nickel-Plated
Withstanding Voltage: AC2500V
Torque: 10 lbs. per inch, Max.
Applications:
Suitable for:
Electrical Switch Gear
Motor Controls
Motor/Gen Sets
Electric Heating
Spa Controls
Custom Control Panels
www.Blockmaster.com
sales@Blockmaster.com
BlockMaster Electronics’ OTB-488S Series are medium-
power, thru-panel terminal blocks available in 1-15
positions.
OTB-488S with marker
strip installed
(Typical Application)
HOW TO ORDER:
Poles
01-12
Plastic
Cover
(Optional)


Similar Part No. - OTB-488S

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
OTB-1500N BLOCKMASTER-ELECTRONICS-OTB-1500N Datasheet
867Kb / 1P
PCB Terminal Block
4/09/08
OTB-330N BLOCKMASTER-ELECTRONICS-OTB-330N Datasheet
962Kb / 1P
Medium-Power Thru-Panel Terminal Block
4/09/08
OTB-351 BLOCKMASTER-ELECTRONICS-OTB-351 Datasheet
768Kb / 1P
Modular Thru-Panel Medium-Power Block
4/09/08
OTB-351-02P-C BLOCKMASTER-ELECTRONICS-OTB-351-02P-C Datasheet
768Kb / 1P
Modular Thru-Panel Medium-Power Block
4/09/08
OTB-351-03P-C BLOCKMASTER-ELECTRONICS-OTB-351-03P-C Datasheet
768Kb / 1P
Modular Thru-Panel Medium-Power Block
4/09/08
More results

Similar Description - OTB-488S

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C7021-01-X COOPER-C7021-01-X Datasheet
137Kb / 2P
Power Feed Thru Terminal Block
logo
PHOENIX CONTACT
0706032 PHOENIX-0706032 Datasheet
61Kb / 5P
Panel feed-through terminal block - DFK-4,8
0708276 PHOENIX-0708276 Datasheet
48Kb / 3P
Panel feed-through terminal block - HDFK 25A
0711027 PHOENIX-0711027 Datasheet
76Kb / 5P
Panel feed-through terminal block - VDFK 6
0711098 PHOENIX-0711098 Datasheet
45Kb / 2P
Panel feed-through terminal block - HDFK 95A
3056297 PHOENIX-3056297 Datasheet
73Kb / 4P
Panel feed-through terminal block - RWOV 8
3073380 PHOENIX-3073380 Datasheet
68Kb / 4P
Panel feed-through terminal block - UWV 4
3073419 PHOENIX-3073419 Datasheet
92Kb / 6P
Panel feed-through terminal block - UWV 16
3073445 PHOENIX-3073445 Datasheet
91Kb / 6P
Panel feed-through terminal block - UWV 25
logo
Adam Technologies, Inc.
PLF-21D5-20A-T ADAM-TECH-PLF-21D5-20A-T Datasheet
353Kb / 2P
EMIURF POWERFILTER MEDIUM QUTLINE, TERMINAL BLOCK MOUNT
Rev. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com