Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI5C6801CQ Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C6801CQ
Description  10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C6801CQ Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C6801CQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C6801CQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C6801CQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C6801CQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C6801CQ Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8374B
05/02/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C6801C
10-BitBusSwitchwithPrechargedOutputs
forLiveInsertionand-2VUndershootProtection
Electrical Characteristics (Over Recommended Operating Free-air Temperature Range)
Storage Temperature ............................................................ –65°Cto+150°C
Supply Voltage Range ................................................................ –0.5Vto+7V
DC Input Voltage(1) .................................................................................... –0.5Vto+7V
Input Clamp Current, IIK(V1<0) .......................................................... –50mA
DC Output Current .............................................................................. 120mA
Power Dissipation(2) .................................................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the de-
vice. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure to
absolute maximum rating conditions for extended
periods may affect reliability.
Notes:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150°C and a board trace length of 750 mils.
Absolute Maximum Ratings Over Free-Air Temperature Range*
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
*
Measured by the voltage drop between the A and B terminals at the indicated current through the switch.
On-state resistance is determined by the lower of the voltages of the two (A or B) terminals.
E This is the increase in supply current for each input that is at the specified TTL voltage level rather the VCC or GND.
= All typical values are at VCC = 5V, TA = 25°C.
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
Mp
y
T =
.
x
a
Ms
ti
n
U
V K
I
V C
C
V
5
.
4
=II
A
m
8
1
–
=8
.
1
–V
II
V C
C
V
5
.
5
=VI
D
N
G
r
o
V
5
.
5
=5
±
µA
IO
V C
C
V
V
4
.
2
=
V
S
A
I
B
V
5
.
4
=
O
V
0
=0
2
.
0
–A
m
I C
C
V C
C
V
5
.
5
=IO
A
0
=VI V
=
C
C
D
N
G
r
o0
0
1
µA
∆I C
C
E
s
n
i
p
l
o
rt
n
o
C
V C
C
V
5
.
5
=r
e
h
t
O
V
4
.
3
t
a
t
u
p
n
i
e
n
OV
t
a
C
C
D
N
G
r
o5
.
2A
m
CI
s
n
i
p
l
o
rt
n
o
CVI =V
0
r
o
V
35
.
3
F
p
CO
)
F
F
O
(VO =V
0
r
o
V
3ff
O
h
c
ti
w
S5
.
4
R N
O *
V C
C
V
4
=VI =V
4
.
2II =5
1A
m9
8
2
Ω
V C
C
V
5
.
4
=
VI =0V
II =4
6A
m5
.
58
VI =0V
II =0
3A
m5
8
VI =V
4
.
2II =5
1A
m9
6
1
Recommended Operating Conditions
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
D.
n
i
M.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
v
y
l
p
p
u
S4
5
.
5
V
V
S
A
I
Be
g
a
tl
o
v
y
l
p
p
u
S3
.
1V C
C
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
e
L
-
h
g
i
H2
V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
-
w
o
L
8
.
0
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
rf
g
n
it
a
r
e
p
O0
4
–5
8C
°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com