Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMS100N04D2-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # ACMS100N04D2-HF
Description  MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACMS100N04D2-HF Datasheet(HTML) 4 Page - Comchip Technology

  ACMS100N04D2-HF Datasheet HTML 1Page - Comchip Technology ACMS100N04D2-HF Datasheet HTML 2Page - Comchip Technology ACMS100N04D2-HF Datasheet HTML 3Page - Comchip Technology ACMS100N04D2-HF Datasheet HTML 4Page - Comchip Technology ACMS100N04D2-HF Datasheet HTML 5Page - Comchip Technology ACMS100N04D2-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Comchip Technology CO., LTD.
Page 4
REV:A
MOSFET
Fig.7 - Capacitance Characteristics
Drain-Source Voltage, VDS (V)
0.1
0
10000
Fig.9 - Transfer Characteristics
100
Gate-Source Voltage, VGS (V)
40
20
1000
10
Fig.10 - Gate-Charge Characteristics
0
1.4
Fig.8 - Gate Voltage vs.
Junction Temperature
100
60
40
1.0
1.2
Qg, (nC)
0.6
0.8
Junction Temperature, TJ (°C)
ID= 250µA
0
30
10
50
0
8
4
2
6
7
3
1
5
9
10
20
1
10
100
AQW-JTR51
Rating and Characteristic Curves (ACMS100N04D2-HF)
80
120
VDS= 20V, ID= 100A
125
-75
75
-25
-50
175
50
0
25
100
150
0.4
0.2
2
4
1
5
3
-55°C
25°C
150°C
VDS= 10V
Ciss
Coss
Crss
f=150KHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com